Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 8 of 34
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADP5014
TOP VIEW
(Not to Scale)
FB3
PVIN1
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED AND SOLDERED TO AN EXTERNAL
GROUND PLANE.
COMP3
PVIN3
SW3
PGND3
PGND4
SW4
PVIN4
COMP4
FB4
SW1
SW1
PGND1
PGND1
PGND2
PGND2
SW2
SW2
PVIN2
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FB3
Feedback Sensing Input for Channel 3.
2
COMP3
Error Amplifier Output for Channel 3. Connect a resistor capacitor (RC) network from this pin to ground.
3
PVIN3
Power Input for Channel 3.
4
SW3
Switching Node Output for Channel 3.
5
PGND3
Power Ground for Channel 3
6
PGND4
Power Ground for Channel 4.
7
SW4
Switching Node Output for Channel 4.
8
PVIN4
Power Input for Channel 4.
9
COMP4
Error Amplifier Output for Channel 4. Connect an RC network from this pin to ground.
10
FB4
Feedback Sensing Input for Channel 4.
11
GPIO
General-Purpose Input or Output Signal. This pin can be configured as power good, synchronization clock
output (CLK-OUT) or undervoltage comparator output (UVO).
12
EN4/DL34
Enable Input for Channel 4 in Manual Mode (EN4).
Delay Timer Setting for Channel 3 and Channel 4 in Sequence Mode (DL34). Connect one resistor from this pin
to ground to program the start-up and shutdown sequence delay timer for Channel 3 and Channel 4.
13
EN3/UV
Enable Input for Channel 3 in Manual Mode (EN3).
Under Voltage Comparator Input in Sequence Mode (UV).
14
CFG2
System Configuration Pin 1. Connect one resistor from this pin to ground to program sequence or manual
mode, the delay timer, PSM or FPWM operation mode, and GPIO mapping for all channels.
15
CFG1
System Configuration Pin 2. Connect one resistor from this pin to ground to program current limit, and the
parallel output for all channels.
16
EN2/DL12
Enable Input for Channel 2 in Manual Mode (EN2).
Delay Timer Setting for Channel 1 and Channel 2 in Sequence Mode (DL12). Connect one resistor from this pin
to ground to program the start-up and shutdown sequence delay timer for Channel 1 and Channel 2.
17
EN1/ENALL
Enable Input for Channel 1 in Manual Mode (EN1).
Grouped Enable Input for All Channels in Sequence Mode (ENALL).
18
FB2
Feedback Sensing Input for Channel 2.
19
COMP2
Error Amplifier Output for Channel 2. Connect an RC network from this pin to ground.
20, 21
PVIN2
Power Input for Channel 2.
22, 23
SW2
Switching Node Output for Channel 2.
24, 25
PGND2
Power Ground for Channel 2.
26, 27
PGND1
Power Ground for Channel 1.
28, 29
SW1
Switching Node Output for Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com