Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5014ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 4 of 34
SPECIFICATIONS
VIN = 5 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
VIN
2.75
6.0
V
AVIN, PVIN1, PVIN2, PVIN3,
PVIN4 pins
QUIESCENT CURRENT
AVIN, PVIN1, PVIN2, PVIN3,
PVIN4 pins
Operating Quiescent Current
IQ
5.4
7.0
mA
No switching, all ENx pins high
Shutdown Current
ISHDN
47
85
µA
All ENx pins low
UNDERVOLTAGE LOCKOUT
UVLO
AVIN, PVIN1, PVIN2, PVIN3,
PVIN4 pins
Threshold, Rising
VUVLO-RISING
2.65
2.75
V
Threshold, Falling
VUVLO-FALLING
2.30
2.40
V
Hysteresis
VHYS
0.25
V
REFERENCE
Output Voltage
VREF
2.0
V
Accuracy
−1.0
+1.0
%
Maximum Load
1
mA
OSCILLATOR CIRCUIT
Switching Frequency Range
500
2500
kHz
Switching Frequency
fSW
1000
1200
1400
kHz
RRT = 82.5 kΩ
Sync Input
Input Clock Range
fSYNC
500
2500
kHz
Input Clock Pulse Width
Minimum On Time
tSYNC_MIN_ON
100
ns
Minimum Off Time
tSYNC_MIN_OFF
100
ns
Input Clock High Voltage
VH(SYNC)
1.3
V
Input Clock Low Voltage
VL(SYNC)
0.4
V
Sync Output
Clock Frequency
fCLK
fSW
kHz
Positive Pulse Duty Cycle
tCLK_PULSE_DUTY
50
%
Rise or Fall Time
tCLK_RISE_FALL
10
ns
High Level Voltage
VH(SYNC_OUT)
VAVIN
V
PRECISION ENABLING
EN1, EN2, EN3, EN4 pins
High Level Threshold
VTH_H(EN)
0.6
0.65
V
Low Level Threshold
VTH_L(EN)
0.52
0.57
V
Source Current
ITH_L(EN)
4
µA
Below the falling threshold
DELAY TIMER
Programmable Delay Timer Range
tDELAY
6
48
ms
Delay Timer
tDELAY
6
ms
Timer ×1 option
48
ms
Timer ×8 option
POWER GOOD
Internal Power-Good Rising Threshold
VPWRGD(RISE)
87
90
93
%
Internal Power-Good Hysteresis
VPWRGD(HYS)
3
%
Internal Power-Good Falling Delay
tPWRGD_FALL
50
µs
Rising Delay for PWRGD Pin
tPWRGD_PIN_RISE
2
ms
Timer ×1 option
16
ms
Timer ×8 option
Leakage Current for PWRGD Pin
IPWRGD_LEAKAGE
0.1
1
µA
Output Low Voltage for PWRGD Pin
VPWRGD_LOW
70
150
mV
IPWRGD = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com