Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 20 of 34
SOFT START
The buck regulators in the ADP5014 include soft start circuitry
that ramps the output voltage in a controlled manner during
startup, thereby limiting the inrush current. The soft start time
for all channels is typically fixed at 2 ms. The soft start time for
all channels can be increased by eight times using the CFG2 pin
configuration.
STARTUP WITH PRECHARGED OUTPUT
The buck regulators in the ADP5014 include a precharged
startup feature to protect the low-side FETs from damage
during startup. If the output voltage is precharged before the
regulator is turned on, the regulator prevents reverse inductor
current, which discharges the output capacitor, until the
internal soft start reference voltage exceeds the precharged
voltage on a feedback (FBx) pin.
CURRENT-LIMIT PROTECTION
The buck regulators in the ADP5014 include peak current-limit
protection circuitry to limit the amount of positive current
flowing through the high-side MOSFET switch. The peak
current limit on the power switch limits the amount of current
that can flow from the input to the output. The programmable
current-limit threshold feature allows the use of small size
inductors for low current applications.
To configure different output load capability, connect a resistor
from the CFG1 pin to ground according to Table 6 which lists
different output current capability settings for all channels.
The buck regulators in the ADP5014 include negative current-
limit protection circuitry to limit certain amounts of negative
current flowing through the low-side MOSFET switch.
FREQUENCY FOLD BACK
The buck regulators in the ADP5014 include frequency fold
back to prevent output current runaway when a hard short
occurs on the output. Frequency fold back is implemented as
follows:
If the voltage at the FBx pin falls below half of the target
output voltage, the switching frequency is reduced by half.
If the voltage at the FBx pin falls again to below one-fourth
of the target output voltage, the switching frequency is
reduced by half of its current value again, equaling one-
fourth of fSW.
The reduced switching frequency allows more time for the
inductor current to decrease, but also increases the ripple
current during peak current regulation. The reduced switching
frequency results in a reduction in average current and prevents
output current runaway.
SHORT-CIRCUIT PROTECTION (SCP)
The buck regulators in the ADP5014 include a hiccup mode for
OCP. When the peak inductor current reaches the current-limit
threshold, the high-side MOSFET turns off and the low-side
MOSFET turns on until the next cycle.
When hiccup mode is active, the overcurrent fault counter is
incremented. If the overcurrent fault counter reaches 15 and
overflows (indicating a short-circuit condition), both the high-side
and low-side MOSFETs are turned off. The buck regulator
remains in hiccup mode for a period equal to seven soft start
cycles and then attempts to restart from soft start. If the short-
circuit fault has cleared, the regulator resumes normal operation;
otherwise, it reenters hiccup mode after the soft start.
Hiccup detection is masked during the initial soft start cycle to
enable startup of the buck regulator under heavy load conditions.
Careful design and proper component selection are required to
ensure the buck regulator recovers from hiccup mode under
heavy loads.
In parallel operation, the overcurrent protection in either
channel triggers both master and slave channels entering and
exiting the hiccup protection together.
OVERVOLTAGE PROTECTION
The ADP5014 includes an overvoltage protection feature to
protect the regulator against an output short to a higher voltage
supply, or when a strong load disconnect transient occurs. If the
feedback voltage increases to 1.15
×VSETx,theinternalhigh-
side and low-side MOSFETs are turned off until the voltage at
the FBx pin decreases to 1.1
×VSETxAtthattime,the
ADP5014 resumes normal operation.
UNDERVOLTAGE LOCKOUT
UVLO circuitry monitors the input voltage level of each buck
regulator, including the analog input pin in the ADP5014. If
any input voltage (PVINx pin) falls below 2.40 V (typical), the
corresponding channel is turned off. After the input voltage rises
above 2.65 V (typical), the soft start period is initiated, and the
corresponding channel is enabled when the ENx pin is high.
A UVLO condition on the AVIN pin has a higher priority than
a UVLO condition on individual channels, which means the
AVIN pin supply must be available before individual channels
can be operated.
The ADP5014 supports separate input voltages for buck
regulators. This means that the input voltages for each
individual buck regulator can be connected to different supply
voltages, as long as its input voltage (PVINx pin) and its AVIN pin
voltage are above its UVLO threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com