Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 17 of 34
Manual Mode (Precision Enable)
In manual mode, the ADP5014 has an individual precision
enable pin for each regulator. The enable control pin (ENx)
features a precision enable circuit with a 0.6 V reference
voltage. When the voltage at the ENx pin is greater than 0.6 V
(typical), the regulator is enabled. When the ENx pin voltage
falls below 0.57 V (typical), the regulator is disabled. To force
the regulator to automatically start up when input power is
applied, connect the enable pin to the input.
The precision enable pin has an internal pull-down current
source (4 μA) that provides a default turn off when the enable
pin is left open. When the enable pin exceeds 0.6 V (typical),
the regulator is enabled and the internal pull-down current
source at the enable pin decreases to 1 μA. The decrease in the
current source allows the ratio of the external resistor divider to
program the UVLO threshold to monitor either the input
voltage or the output voltage while using the absolute value of
external resistor divider to program the hysteresis window.
Figure 32 shows the precision enable diagram.
0.6V
1µA
3µA
EN_CMP
+
RTOP_EN
RBOT_EN
Figure 32. Precision Enable Diagram for One Channel
Sequence Mode
In sequence mode, all channels in the ADP5014 turn on and off
under the control of the internal sequencer, which is triggered
by the ENALL pin. The DL12 and DL34 pins set the predefined
delay timer.
The ENALL pin features precision enable circuitry with a 0.6 V
turn on threshold and internal pull-down current source.
When the ENALL pin goes above the 0.6 V precision threshold,
all channels controlled by the sequencer begin a soft start after
the delay time specified by the DL12 and DL34 pin configuration.
Similarly, when the ENALL pin falls below 0.57 V precision
threshold, the channels turns off after the delay time specified
by DL12 and DL34 pin configurations.
Figure 33 shows the logical states of each channel and does not
show soft start and discharge ramps. Although the output
discharge switch helps to discharge the output capacitor quickly,
the discharge ramps on the output of each channel are still
decided by many different factors, including the output
capacitance, system load, and the ramps of input supply.
DL12 configures the delay timer for Channel 1 and Channel 2 by
connecting one resistor to ground. Similarly, DL34 configures the
delay timer for Channel 3 and Channel 4 (see Table 9). In parallel
operation, the slave channel (Channel 2 or Channel 4) always
follows up with the delay timer configuration of the master
channel; therefore, Channel 2 follows Channel 1, while Channel 4
follows Channel 3. The delay timer decoder circuitry only works
in the initiation stage of the ADP5014; therefore, the delay
timer does not change in operation.
ENALL
t
EN_DLY2
tEN_DLY1
tEN_DLY3
tEN_DLY4
tDIS_DLY1
tDIS_DLY2
t
DIS_DLY3
t
DIS_DLY4
ON
ON
ON
ON
OFF
OFF
OFF
OFF
CHANNEL1
CHANNEL2
CHANNEL3
CHANNEL4
Figure 33. Power-Up/Power-Down in Sequence Enable Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com