Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 6 of 34
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Soft Start Time
tSS2
2
ms
Timer ×1 option
16
ms
Timer ×8 option
Programmable Soft Start Range
2
16
ms
Hiccup Time
tHICCUP2
7 × tSS2
ms
COUT Discharge Switch On
Resistance
RDIS2
85
CHANNEL 3 SYNC BUCK REGULATOR
Load Current
ILOAD3
2
A
Output Characteristics
VFB3 Voltage Accuracy
−40°C ≤ TJ ≤ +125°C
VFB3
−0.6
+0.6
%
VSET3 = VREF
−1.0
+1.0
%
VSET3 = ½ × VREF
Feedback Bias Current
IFB3
0.1
µA
VSET3 Bias Current
IVSET3
0.1
µA
SW3 Pin
High-Side Power FET On
Resistance
RDS(ON)3H
95
135
mΩ
Pin to pin measurement
Low-Side Power FET On
Resistance
RDS(ON)3L
73
110
mΩ
Pin to pin measurement
Current-Limit Threshold
ITH(ILIM3)
2.5
3.5
4.5
A
RCFG1 = 0 kΩ
1.2
1.8
2.4
A
RCFG1 = 17.8 kΩ
Minimum On Time
tMIN_ON3
60
90
ns
fSW = 500 kHz to 2.5 MHz
Minimum Off Time
tMIN_OFF3
50
80
ns
fSW = 500 kHz to 2.5 MHz
Error Amplifier, COMP3 Pin
EA Transconductance
gm3
700
800
900
µS
Soft Start Time
tSS3
2
ms
Timer ×1 option
16
ms
Timer ×8 option
Programmable Soft Start Range
2
16
ms
Hiccup Time
tHICCUP3
7 × tSS3
ms
COUT Discharge Switch On Resistance
RDIS3
85
CHANNEL 4 SYNC BUCK REGULATOR
Load Current
ILOAD4
2
A
Output Characteristics
VFB4 Voltage Accuracy
−40°C ≤ TJ ≤ +125°C
VFB4
−0.6
+0.6
%
VSET4 = VREF
−1.0
+1.0
%
VSET4 = ½ × VREF
Feedback Bias Current
IFB4
0.1
µA
VSET4 Bias Current
IVSET4
0.1
μA
SW4 Pin
High-Side Power FET On
Resistance
RDS(ON)4H
95
135
mΩ
Pin to pin measurement
Low-Side Power FET On
Resistance
RDS(ON)4L
73
110
mΩ
Pin to pin measurement
Current-Limit Threshold
ITH(ILIM4)
2.5
3.5
4.5
A
RCFG1 = 0 kΩ
1.2
1.8
2.4
A
RCFG1 = 17.8 kΩ
Minimum On Time
tMIN_ON4
60
90
ns
fSW = 500 kHz to 2.5 MHz
Minimum Off Time
tMIN_OFF4
50
80
ns
fSW = 500 kHz to 2.5 MHz
Error Amplifier, COMP4 Pin
EA Transconductance
gm4
700
800
900
µS
Soft Start Time
tSS4
2
ms
Timer ×1 option
16
ms
Timer ×8 option
Programmable Soft Start Range
2
16
ms
Hiccup Time
tHICCUP4
7 × tSS4
ms
COUT Discharge Switch On Resistance
RDIS4
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com