Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
ADP5014
Rev. A | Page 19 of 34
Phase Shift
By default, the phase shift between Channel 1 and Channel 2 and
between Channel 3 and Channel 4 is 180° (see Figure 35). This
value provides the benefits of out of phase operation by reducing
the input ripple current and lowering the grounding noise.
CH 2
CH 1
CH 3
CH 4
180° PHASE SHIFT
0° REFERENCE
180° PHASE SHIFT
0° REFERENCE
Figure 35. Phase Shift Diagram, Four Buck Regulators
SYNCHRONIZATION INPUT/OUTPUT
The GPIO pin can be configured as the synchronization clock
input by using the CFG2 pin (see Table 7), and the switching
frequency of the ADP5014 can be synchronized to an external
clock with a frequency range from 500 kHz to 2.5 MHz. The
ADP5014 automatically detects the presence of an external
clock applied to the GPIO pin, and the switching frequency
transitions smoothly to the frequency of the external clock.
When the external clock signal stops, the device automatically
switches back to the internal clock and continues to operate.
The internal switching frequency set by the RT pin must be
programmed to a value that is close to the external clock value
for successful synchronization; the suggested frequency
difference is less than ±15% in typical applications.
The GPIO pin can be configured as a push/pull synchronization
clock output by CFG2 (refer to Table 7). A positive clock pulse
with a 50% duty cycle is generated at the GPIO pin with a
frequency equal to the internal switching frequency set by the
RT pin.
Figure 36 shows two ADP5014 devices configured for frequency
synchronization mode: one ADP5014 device is configured as
the clock output to synchronize another ADP5014 device.
GPIO
GPIO
CFG
(CLOCK MASTER)
(SLAVE)
ADP5014
DEVICE 2
ADP5014
DEVICE 1
(CLK-OUT) (SYNC-IN)
R1
R2
CFG2
Figure 36. Two ADP5014 Devices Configured for Synchronization Mode
In the configuration shown in Figure 36, the phase shift
between Channel 1 of the first ADP5014 device and Channel 1
of the second ADP5014 device is 0˚.
POWER-GOOD FUNCTION
The ADP5014 GPIO pin can be configured as an open-drain
power-good output (PWRGD pin) that becomes active high
when the selected buck regulators are operating normally.
A high status in the PWRGD pin indicates that the regulated
output voltage of the buck regulator is above 90% (typical) of its
nominal output. When the regulated output voltage of the buck
regulator falls below 87% (typical) of its nominal output for a
delay time greater than approximately 50 µs, the status of the
PWRGD pin is set to low.
The output of the PWRGD pin is the logical AND of the internal
PWRGD signals on an individual channel. An internal PWRGD
signal on an individual channel must be high for a validation
time of 2 ms (typical) timer before the PWRGD pin goes high.
This validation timer can be increased by 8 times (×8 option)
using the CFG2 pin configuration; if one internal PWRGD fails,
the PWRGD pin goes low with no delay.
UV COMPARATOR (SEQUENCE MODE ONLY)
In sequence mode, the EN3/UV pin is used as the UVO input
(UV pin), while the ADP5014 GPIO pin can be configured as
an open-drain UVO via CFG2 pin configuration. The UV
comparator is not related to the channel enabling and is only
used for monitoring purposes. For example, it can be used to
monitor any output voltage to create a power-good signal in
sequence mode.
Similar to the precision enable functionality, this UVO features
the same precise 0.6 V reference voltage with the 1 µA or 4 µA
pull-down hysteresis current. Using the ratio of external resistor
divider to program the UVLO threshold allows monitoring
either input voltage or output voltage while using the absolute
value of the external resistor divider to program the hysteresis
window. The UV pin is connected to the input supply if it is not
intended for use. Figure 37 shows the UVO diagram.
0.6V
1µA
3µA
+
PVIN
UV
UVO
RTOP
RBOT
Figure 37. Undervoltage Comparator Diagram (in Sequence Mode Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com