Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 18 of 34
Table 9. Setting Sequence Timer in the DL12 and DL34 Pins
RDL12
(or RDL34)
(kΩ)
Channel 1 Sequence
(or Channel 3)
Channel 2 Sequence
(or Channel 4)
10
First order
First order
0
First order
Second order
12.1
First order
Third order
14.7
First order
Fourth order
17.8
Second order
First order
21.5
Second order
Second order
26.1
Second order
Third order
31.6
Second order
Fourth order
38.3
Third order
First order
46.4
Third order
Second order
56.2
Third order
Third order
Float
Third order
Fourth order
68.1
Fourth order
First order
82.5
Fourth order
Second order
100
Fourth order
Third order
121
Fourth order
Fourth order
Note that the RDL12 and RDL34 resistors must have ±1 % tolerance
to ensure the correct decoding result.
The power-up and power-down delay timer for all channels is
designed in an opposite manner to meet typical system
sequence requirements, as described below:
First order sequence means the channel is configured as
the first to be powered up, and is shut down last.
Second order sequence means the channel is configured as
the second to be powered up and is shut down third.
Third order sequence means the channel is configured as
the third to be powered up and is shut down second.
Fourth order sequence means the channel is configured as
the fourth to be powered up and is shut down first.
If a longer sequence timer is required, the delay time for all
channels can be increased by 8 times (×8 option) using the
CFG2 pin. Table 10 shows the power-up and power-down timer
configurations.
In sequence enable mode, the device performs the following
actions in fault conditions:
During individual fault conditions, such as overcurrent
hiccup, OVP, or PVINx, UVLO shuts down and powers up
the corresponding channel immediately without the
sequence delay.
TSD fault shuts down all channels immediately without the
sequence delay, but occurs after the defined power-up
sequence for the recovery.
An AVIN UVLO fault shuts down all channels immediately
without any sequence delay, but occurs after the defined
power-up sequence for the recovery after the device
reinitiation.
Table 10. Power-Up and Power-Down Timer
Sequence
Order
Power-Up Delay Timer
(tEN_DLYx)
Power-Down Delay
Timer (tDIS_DLYx)
First Order
0 ms
36 ms (288 ms at
×8 option)
Second
Order
6 ms (48 ms at ×8 option)
24 ms (192 ms at
×8 option)
Third Order
12 ms (96 ms at ×8
option)
12 ms (96 ms at
×8 option)
Fourth
Order
18 ms (144 ms at ×8
option)
0 ms
GENERAL PURPOSE INPUT/OUTPUT (GPIO)
The ADP5014 includes one GPIO pin which can be configured
for different functionalities, such as PWRGD, synchronization
clock input (SYNC-IN), CLK-OUT, or UVO.
The PWRGD and UVO output functionalities have the open-
drain output after the initiation.
The CLK-OUT output functionality features a push/pull output,
enabling it to drive other regulators after initiation.
OSCILLATOR
The switching frequency (fSW) of the ADP5014 can be set to a
value from 500 kHz to 2.5 MHz by connecting a resistor from
the RT pin to ground. Calculate the value of the RT resistor
(RRT) as follows:
RRT (kΩ) = 100,000/fSW (kHz)
Figure 34 shows the typical relationship between fSW and the RT
resistor. The adjustable frequency allows users to make decisions
based on the trade-off between efficiency and the size of the
solution.
2700
2400
2100
1800
1500
1200
900
600
300
20
60
100
140
RT RESISTOR (k
Ω)
180
220
Figure 34. Switching Frequency vs. RT Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com