Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5014ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5014ACPZ-R7
Description  Integrated Power Solution with Quad Low Noise Buck Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5014ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5014ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5014ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ADP5014
Data Sheet
Rev. A | Page 12 of 34
TEMPERATURE (°C)
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
–50
–20
10
40
70
100
130
RISING
FALLING
Figure 16. UVLO Threshold vs. Temperature
TEMPERATURE (°C)
1
2
3
4
5
6
7
8
9
10
–50
–20
10
40
70
100
130
4A RATED
2A RATED
Figure 17. Channel 1/Channel 2 Current Limit vs. Temperature
TEMPERATURE (°C)
1
2
3
4
–50
–20
10
40
70
100
130
2A RATED
1A RATED
Figure 18. Channel 3/Channel 4 Current Limit vs. Temperature
CH1 10mV
CH2 2.00V
M400ns
A CH2
2.96V
1
2
T 25.60%
B
W
Figure 19. Steady State Waveform at Heavy Load, VIN = 5 V, VOUT = 1.2 V,
IOUT = 3 A, fSW = 1.2 MHz, L = 0.8 µH, COUT = 47 µF × 2, FPWM Mode,
Channel 1 = VOUTX, Channel 2 = SWX
CH1 50mV
CH4 2.00A
M100µs
A CH2
2.96A
1
2
T 25.60%
B
W
Figure 20. Channel 1/Channel 2 Load Transient, 0.5 A to 3.5 A, VIN = 5 V,
VOUT = 1.2 V, fSW = 1.2 MHz, L = 0.8 µH, COUT = 47 µF × 2, Channel 1 = VOUTX,
Channel 2 = IOUTX
CH1 50mV
M 100µs
A CH3
4.12A
1
3
4
T 29.60%
B
W
CH3 2A
CH4 2.00A
Figure 21. Load Transient, Channel 1/Channel 2 Parallel Output, 1 A to 6 A,
VIN = 5 V, VOUT = 1.2 V, fSW = 1.2 MHz, L = 0.8 µH, COUT = 47 µF × 4, Channel 1 = VOUT,
Channel 3 = IL1, Channel 4 = IL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com