Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 6 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 6 Page - ams AG

Back Button AS5013 Datasheet HTML 2Page - ams AG AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Page 6
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Electrical Characteristics
Operating Conditions
TAMB = -20°C to 80°C, VDD = 3.3V, RESETn = HIGH
Figure 6:
Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Core supply voltage
2.7
3.6
V
VDDp
Peripheral supply voltage
Input: RESETn
Open drain outputs: SCL,
SDA, INTn.
External I²C pull up resistor to
be connected to VDDp.
1.7
VDD
V
IDDs
Maximal average current
consumption on VDD,
Pulsed peaks = IDDf
depends on the sampling
time ts[ms]
TAMB = -20°C to 50°C
3+3760/ts [ms]
μA
TAMB = 50°C to 80°C
10+3760/ts [ms]
IDDI
Current consumption on
core supply, Idle mode,
no readout (ts = infinite)
TAMB = -20°C to 50°C
3
μA
TAMB = 50°C to 80°C
10
IDDf
Current consumption on
core supply, Idle mode,
continuous readout
(ts=450μs)
Continuous current pin VDD
Maximum sampling ts =
450μs
10
mA
Tpua
Power up time analog
Step on VDD to Data_Ready
1000
μs
Tconv
Conversion time
Read X/Y coordinate I²C Y_
res_int ACK bit of to Data_
Ready
450
μs
tP,W
Nominal wakeup time
20
320
ms
dx
dy
Lateral movement radius
The range depends on the
magnet and the distance to
the surface, dx²+dy² <= 4mm
2mm
d
Type of magnet
Cylindrical; axial magnetized
2
3
mm
RH
Hall array diameter
2.2
mm
BZ
Magnetic field strength
Vertical magnetic field at
magnet center; measured at
chip surface
30
120
mT
TAMB
Ambient temperature
range
-20
80
°C
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com