Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 19 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 19 Page - ams AG

Back Button AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
ams Datasheet
Page 19
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Detailed Description
the START and STOP conditions. A transfer is ended with
a STOP condition or with a repeated START condition.
Since a repeated START condition is also the beginning of
the next serial transfer, the bus is not released. Data is
transferred with the most significant bit (MSB) first.
The AS5013 can operate in the following two modes:
• Slave Receiver Mode (Write Mode): Serial data and clock
are received through SDA and SCL. Each byte is followed
by an acknowledge bit (or by a not acknowledge
depending on the address-pointer pointing to a valid
position). START and STOP conditions are recognized as
the beginning and end of a serial transfer. Address
recognition is performed by hardware after reception of
the slave address and direction bit (see Figure 18). The
slave address byte is the first byte received after the START
condition. The slave address byte contains the 7-bit
AS5013 address, which is stored in the OTP memory.The
7-bit slave address is followed by the direction bit (R/W),
which, for a write, is 0. After receiving and decoding the
slave address byte the device outputs an acknowledge on
the SDA. After the AS5013 acknowledges the slave address
+ write bit, the master transmits a register address to the
AS5013. This sets the address pointer on the AS5013. If the
address is a valid readable address the AS5013 answers by
sending an acknowledge. If the address-pointer points to
an invalid position a “not acknowledge” is sent. The master
may then transmit zero or more bytes of data. In case of
the address pointer pointing to an invalid address the
received data are not stored. The address pointer will
increment after each byte transferred independent from
the address being valid. If the address-pointer reaches a
valid position again, the AS5013 answers with an
acknowledge and stores the data. The master generates a
STOP condition to terminate the data write.
Figure 18:
Data Write - Slave Receiver Mode
• Slave Transmitter Mode (Read Mode): The first byte is
received and handled as in the slave receiver mode.
However, in this mode, the direction bit indicates that the
transfer direction is reversed. Serial data is transmitted on
S
100000Y
0
A
XXXXXXXX
A
XXXXXXXX
A
XXXXXXXX NA
S – Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
P – Stop
Y – State of pin ADDR
P
<Slave address>
<Word address (n)>
<Data(n)>
<Data(n+X)>
XXXXXXXX
A
<Data(n+1)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com