Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 29 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 29 Page - ams AG

Back Button AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG AS5013 Datasheet HTML 30Page - ams AG AS5013 Datasheet HTML 31Page - ams AG AS5013 Datasheet HTML 32Page - ams AG AS5013 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
ams Datasheet
Page 29
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − I²C Registers
Figure 32:
M_ctrl Register (2Bh)
Figure 33:
J_ctrl Register (2Ch)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
M_ctrl[7]
M_ctrl[6]
M_ctrl[5]
M_ctrl[4]
M_ctrl[3]
M_ctrl[2]
M_ctrl[1]
M_ctrl[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 0000 (00h)
Bit
Bit Description
7:0
Middle Hall element C5 control register to improve the linearity of XY outputs for the whole
mechanical XY displacement of the magnet. Use the default value for d=2*0.8mm standard axial
magnet.
For more information on how to configure this parameter, please contact ams.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
J_ctrl[7]
J_ctrl[6]
J_ctrl[5]
J_ctrl[4]
J_ctrl[3]
J_ctrl[2]
J_ctrl[1]
J_ctrl[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 0110 (06h)
Bit
Bit Description
7:0
Sector dependent attenuation of the outer Hall elements C1..C4 in order to improve the linearity
of XY outputs for the whole mechanical XY displacement of the magnet. Use the default value
for d=2*0.8mm standard axial magnet.
For more information on how to configure this parameter, please contact ams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com