Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 14 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 14 Page - ams AG

Back Button AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Page 14
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Detailed Description
Figure 14:
Timing Diagram for HS-Mode
I²C Electrical Specification
Standard-mode, Fast-mode, High speed-mode
Figure 15:
I²C Electrical Specification
Symbol
Parameter
Condition
Min
Max
Units
VIL
LOW-level input voltage
-0.5
0.3VDDp
V
VIH
HIGH-level input voltage
0.7VDDp
VDDp + 0.5(1)
V
Vhys
Hysteresis of Schmitt
Trigger inputs
VDDp < 2V
0.1VDDp
V
VOL
LOW-level output voltage
(open-drain or
open-collector) at 3mA sink
current
VDDp < 2V
-
0.2VDDp
V
IOL
LOW-level output current
VOL = 0.4V
--
mA
ICS
Pull-up current of SCLH
current source
SCLH output levels
between 0.3VDDp
and 0.7VDDp
312
mA
tSP
Pulse width of spikes that
must be suppressed by the
input filter
In HS-mode
-
10(2)
ns
In Fast-mode
50(2)
ns
Ii
Input current at each I/O Pin
Input voltage
between 0.1VDDp
and 0.9VDDp
10(3)
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com