Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 7 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 7 Page - ams AG

Back Button AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ams Datasheet
Page 7
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Electrical Characteristics
Digital IO pads DC/AC Characteristics
Figure 7:
DC/AC Characteristics
Resolution of XY
displacement
Over 2*dx and 2*dy axis
8
bit
Noise (RMS)
C1..C5 channel data (result
from two measurement –
positive and negative current
spinning)
100
μT
PSSR
Power Supply Rejection
Ratio
VDD=3.3V;
Temp = 25°C
dVDD= 100 mVpp at
10.30kHz
0.2
%/100
mV
IC package
QFN16
4mmx4mmx0.55mm
Power supply filtering
capacitors
Ceramic capacitor VDD - VSS
100
nF
Ceramic capacitor VDDp - VSS
100
nF
Symbol
Parameter
Conditions
Min
Max
Units
Inputs: SCL, SDA
VIH
High level input voltage
IIC
0.7 * VDDp
V
VIL
Low level input voltage
IIC
0.3 * VDDp
V
ILEAK
Input leakage current
VDDp = 3.6V
1
μA
Inputs: ADDR, RESETn (JEDEC76)
VIH
High level input voltage
JEDEC
0.65 * VDDp
V
VIL
Low level input voltage
JEDEC
0.35 * VDDp
V
ILEAK
Input leakage current
VDDp = 3.6V
1
μA
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com