Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 13 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 13 Page - ams AG

Back Button AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
ams Datasheet
Page 13
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Detailed Description
I²C Interface
The AS5013 supports the 2-wire high-speed I²C protocol in
device mode, according to the NXP specification UM10204.
The host MCU (master) has to initiate the data transfers. The
7-bit device address of the AS5013 depends on the state at the
pin ADDR.
ADDR = 0
→ Slave address =‘100 0000’ (40h)
ADDR = 1
→ Slave address =‘100 0001’ (41h)
For other I²C addresses, please contact ams.
Supported modes (slave mode):
• Random/Sequential Read
• Byte/Page Write
• Standard Mode: 0 to 100kHz clock frequency
• Fast Mode: 0 to 400kHz clock frequency
• High Speed: 0 to 3.4MHz clock frequency
The SDA signal is bidirectional and is used to read and write the
serial data. The SCL signal is the clock generated by the host
MCU, to synchronize the SDA data in read and write mode. The
maximum I²C clock frequency is 3.4MHz, data are triggered on
the rising edge of SCL.
Figure 13:
I²C Timing Diagram for FS-Mode
SDA
SCL
Start
Stop
tBUF
tLOW
tR
tHD.STA
tHIGH
tF
tSU.DAT
tSU.STA
tHD.STA
tSU.STO
Repeated
Start
tHD.DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com