Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 1 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 1 Page - ams AG

  AS5013 Datasheet HTML 1Page - ams AG AS5013 Datasheet HTML 2Page - ams AG AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
ams Datasheet
Page 1
[v2-00] 2021-Apr-19
Document Feedback
AS5013
Low Power Integrated Hall IC for
Human Interface Applications
The AS5013 is a complete Hall Sensor IC for smart navigation
key applications to meet the low power requirements and host
SW integration challenges for products such as cell phones and
smart handheld devices.
Due to the on chip processing engine, system designers are not
tasked with integrating complex SW algorithms on their host
processor thus leading to rapid development cycles.
The AS5013 single-chip IC includes 5 integrated Hall sensing
elements for detecting up to ±2mm lateral displacement, high
resolution ADC, XY coordinate and motion detection engine
combined with a smart power management controller.
The X and Y positions coordinates and magnetic field
information for each Hall sensor element is transmitted over a
2-wire I²C compliant interface to the host processor.
The AS5013 is available in a small 16-pin 4mmx4mmx0.55mm
QFN package and specified over an operating temperature of
-20°C to 80°C
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5013, Low Power Integrated Hall
IC for Human Interface Applications are listed below:
Figure 1:
Added Value of Using AS5013
Benefits
Features
• Lateral magnet movement radius up to 2mm
• 8-bit resolution in X and Y direction
• Fast and simple interface integration
• High-speed I²C interface
• Automatic low-power-mode
• 3μA current consumption in stand by
• Low operating voltage supply
• 2.7V to 3.6V operating voltage - Down to 1.7V
peripheral supply voltage
• Contactless push-button possible
• 12-bit raw hall output
• Small package, lower cost
• QFN4x4 package
• Push button and Motion detection
• Various interrupt modes available
• Insensitive to external magnetic stray fields
General Description


Similar Part No. - AS5013

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5013 AMSCO-AS5013 Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
AS5013-IQFT AMSCO-AS5013-IQFT Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
More results

Similar Description - AS5013

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
HUMAN INTERFACE DEVICE TUTORIAL
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B Datasheet
218Kb / 16P
Integrated Power Hybrid IC for Low Voltage Motor Applications
IRAM136-3063B IRF-IRAM136-3063B Datasheet
222Kb / 16P
Integrated Power Hybrid IC for Low Voltage Motor Applications
logo
ams AG
AS5011 AMSCO-AS5011 Datasheet
540Kb / 16P
Low Power Integrated Hall IC for Human Interface Applications
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
Integrated Power Hybrid IC for Appliance Motor Drive Applications
logo
ams AG
AS5013 AMSCO-AS5013 Datasheet
1,019Kb / 32P
Low Power Integrated Hall IC for Human Interface Applications
logo
Grayhill, Inc
3D32XK-200 GRAYHILL-3D32XK-200 Datasheet
1Mb / 2P
INTUITIVE HUMAN INTERFACE SOLUTIONS
logo
Torex Semiconductor
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
XC3202B TOREX-XC3202B_15 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
logo
Delta Electronics, Inc.
DOP-AE57CSTD DELTA-DOP-AE57CSTD Datasheet
5Mb / 12P
Human Machine Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com