Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 8 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 8 Page - ams AG

Back Button AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Page 8
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Electrical Characteristics
Outputs: SDA
VOH
High level output voltage
High level output
voltage
Open drain
Leakage
current
1μA
VOL1
Low level output voltage
-6mA;
VDDP > 2V;
Fast mode
VSS + 0.4
V
VOL3
-6mA;
VDDP ≤ 2V;
Fast mode
VDDP*0.2
V
VOL1
-3mA;
VDDP > 2V;
High speed
VSS + 0.4
V
VOL3
-3mA;
VDDP ≤ 2V;
high speed
VDDP*0.2
V
CL
Capacitive load
Standard mode
(100kHz)
400
pF
Fast mode
(400kHz)
400
pF
High speed mode
(3.4MHz)
100
pF
Outputs: INTn (JEDEC76)
VOH
High level output voltage
High level output
voltage
Open drain
Leakage
current
1μA
VOL
Low level output voltage
-100μA
VSS + 0.2
V
VOL
-2mA
VSS + 0.45
V
CL
Capacitive load
Standard mode
(100kHz)
30
pF
Symbol
Parameter
Conditions
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com