Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 3 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 3 Page - ams AG

  AS5013 Datasheet HTML 1Page - ams AG AS5013 Datasheet HTML 2Page - ams AG AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ams Datasheet
Page 3
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Pin Assignments
Figure 3:
Pin Diagram (Top View)
Figure 4:
Pin Descriptions
Pin
Number
Pin Name
Pin Type
ESD
Description
1
SDA
Digital I/O /Open drain
2kV
I²C data line, open drain
2SCL
Digital input
2kV
I²C clock line
3RESETn
2kV
General reset input
0: Reset
1: Normal mode
4
INTn
Digital output open drain
2kV
Interrupt line, open drain, active
low
5TB0
Analog I/O
2kV
Test pin, leave unconnected
6TB1
2kV
7TB2
2kV
8TB3
2kV
9
TEST COIL
Special
2kV
Test pin, leave unconnected or
connect to VSS
10
ADDR
Digital input with Schmitt
trigger functionality
2kV
I²C address selection input. Read
in at each reset
Pin Assignments
VDDp
SDA
SCL
RESETn
INTn
16
13
14
15
5
8
7
6
1
4
3
2
12
9
10
11
VDD
VDDp
ADDR
TEST COIL
Epad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com