Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 5 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 5 Page - ams AG

  AS5013 Datasheet HTML 1Page - ams AG AS5013 Datasheet HTML 2Page - ams AG AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ams Datasheet
Page 5
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − Absolute Maximum Ratings
Stresses beyond those listed in Figure 5 may cause permanent
damage to the device. These are stress ratings only, and
functional operation of the device at these or any other
conditions beyond those indicated in Operating Conditions is
not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Figure 5:
Absolute Maximum Ratings
Note(s):
1. The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices”.The lead finish for
Pb-free leaded packages is matte tin (100% Sn).
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
DC supply voltage
-0.3
5
V
VDDp
Peripheral supply
voltage
-0.3
5
VDD +0.3
V
Vin
Input pin voltage
-0.3
VDDp +0.3
V
-3.6
V
Iscr
Input current (latchup
immunity)
±100
mA
JEDEC 78
Electrostatic Discharge
ESD
Electrostatic discharge
±2
kV
MIL 883 E method 3015,
direct pad contact
ΘJA
Package thermal
resistance
-32
K/W
Velocity=0, Multi Layer PCB;
JEDEC Standard Testboard
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
125
°C
Tbody
Package body
temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Humidity
non-condensing
585
%
MSL
Moisture Sensitive Level
3
Represents a maximum floor
life time of 168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com