Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 12 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 12 Page - ams AG

Back Button AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Page 12
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Detailed Description
Power Modes
The AS5013 can operate in two different power modes,
depending on the power consumption requirements of the
whole system.
Figure 12:
Readout Cycle Depending on Power Mode (idle bit)
START-UP
After power up and after applying a soft reset (Reg 0Fh [1]) or
hardware reset (RESETn input, LOW pulse >100ns), AS5013
enters the START-UP state. During this state the internal
registers are loaded with their reset values. After min.
Tstartup = 1000μs, the AS5013 will perform one measurement
and switches automatically into the WAIT state.
MEASURE
The Hall element data are measured, x/y coordinates are
calculated and available in registers 10h and 11h after
Tconv = 450μs max.
SET INTERRUPT
The INTn output is set, depending on the interrupt mode
configured in the control register Reg 0Fh [2] and Reg 0Fh [3]
WAIT
The module is now in waiting status. A new measurement will
occur depending on the power mode (Reg 0Fh [7] Idle = 0 or 1)
and the Timebase Reg 0Fh [6:4]
POR_n | soft_RES | RESETn
Tstartup (1000µs)
MEASURE
START-UP:
reset internal reg
SET
INTERRUPT
WAIT
( Idle=0 & Timebase_trigger ) |
( Idle=1 & Read y)
Tconv (450µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com