Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 36 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 36 Page - ams AG

Back Button AS5013 Datasheet HTML 32Page - ams AG AS5013 Datasheet HTML 33Page - ams AG AS5013 Datasheet HTML 34Page - ams AG AS5013 Datasheet HTML 35Page - ams AG AS5013 Datasheet HTML 36Page - ams AG AS5013 Datasheet HTML 37Page - ams AG AS5013 Datasheet HTML 38Page - ams AG AS5013 Datasheet HTML 39Page - ams AG AS5013 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Page 36
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − I²C Registers
data_valid
1
R
0Fh
0b
<0>
Data valid indicator
0: X/Y calculation
ongoing
1: X/Y calculation
finished,
coordinates ready
X/Y Coordinate Register
x8
R
10h
two’s
comp.
00h
<7:0>
Result
y_res_int
8
R
11h
two’s
comp.
00h
<7:0>
Result, resets the
interrupt flag at the
value ACK
Range Settings
xp
8
R/W
12h
two’s
comp.
5h
(5 dec)
<7:0>
Wake up threshold
@ positive
X-direction
xn
8
R/W
13h
two’s
comp.
FBh
(-5 dec)
<7:0>
Wake up threshold
@ negative
X-direction
yp
8
R/W
14h
two’s
comp.
5h
(5 dec)
<7:0>
Wake up threshold
@ positive
Y-direction
yn
8
R/W
15h
two’s
comp.
FBh
(-5 dec)
<7:0>
Wake up threshold
@ negative
Y-direction
Channel Voltages (3)
c4_neg
<11:8>
4R
16h
two’s
comp.
00h
<3:0>
<7:4>
Voltage @ channel 4,
negative current
spinning
Sign extended to
8-bit
c4_neg
<7:0>
8R
17h
two’s
comp.
00h
<7:0>
Voltage @ channel 4,
negative current
spinning
c4_pos
<11:8>
4R
18h
two’s
comp.
00h
<3:0>
<7:4>
Voltage @ channel 4,
positive current
spinning
Sign extended to
8-bit
c4_pos
<7:0>
8R
19h
two’s
comp.
00h
<7:0>
Voltage @ channel 4,
positive current
spinning
Register
Number
of Bits
Access
Address
Format
Reset
Value
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com