Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 16 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 16 Page - ams AG

Back Button AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Page 16
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Detailed Description
Note(s):
1. For bus line loads CB between 100pF and 400 pF the timing parameters must be linearly interpolated.
2. After this time the first clock is generated.
3. A device must internally provide a minimum hold time (300n for Fast-mode, 80ns / max 150ns for High-speed mode) for the SDA
signal (referred to the VIHmin of the SCL) to bridge the undefined region of the falling edge of SCL.
4. A fast-mode device can be used in standard-mode system, but the requirement tSU;DAT = 250ns must then be met. This is
automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period
of the SCL signal, it must output the next data bit to the SDA line tRmax + tSU;DAT = 1000 + 250 = 1250ns before the SCL line is released.
I²C Modes
The AS5013 supports the I²C bus protocol. A device that sends
data onto the bus is defined as a transmitter and a device
receiving data as a receiver. The device that controls the
message is called a master. The devices that are controlled by
the master are referred to as slaves. A master device that
generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions must control the bus.
trCL
Rise time of
SCLH signal
External
pull-up
source of
3mA
-
-
10
40
20
80
ns
trCL1
Rise time of
SCLH signal
after
repeated
START
condition
and after an
acknowledg
e bit
External
pull-up
source of
3mA
-
-
10
80
20
160
ns
tR
Rise Time of
SDA and SCL
Signals
20+0.1CB
120
-
-
-
-
ns
tF
Fall time of
SDA and SCL
signals
20+0.1CB
120
-
-
-
-
ns
tSU;STO
Setup Time
for STOP
Condition
600
-
160
-
160
-
ns
VnL
Noise
margin at
LOW level
For each
connected
device
(including
hysteresis)
0.1VDDp
-
0.1
VDDp
-
0.1
VDDp
-V
VnH
Noise
margin at
HIGH level
0.2VDDp
-
0.2
VDDp
-
0.2
VDDp
-V
Symbol
Parameter
Condition
Fast-Mode
HS-Mode
CB=100pF
HS-Mode
CB=400pF(1)
Unit
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com