Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 35 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 35 Page - ams AG

Back Button AS5013 Datasheet HTML 31Page - ams AG AS5013 Datasheet HTML 32Page - ams AG AS5013 Datasheet HTML 33Page - ams AG AS5013 Datasheet HTML 34Page - ams AG AS5013 Datasheet HTML 35Page - ams AG AS5013 Datasheet HTML 36Page - ams AG AS5013 Datasheet HTML 37Page - ams AG AS5013 Datasheet HTML 38Page - ams AG AS5013 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
ams Datasheet
Page 35
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − I²C Registers
Registers Table
The following registers / functions are accessible over the serial
I²C interface.
Figure 39:
Registers
Register
Number
of Bits
Access
Address
Format
Reset
Value
Bit
Description
IC Identification
ID Code
8
R
0C
0Ch
<7:0>
8-bit Manufacture ID
Code
ID Version
8
R
0D
0Dh
<7:0>
8-bit Component ID
Version
Silicon
Revision
8
R
0E
00h
<7:0>
8-bit Silicon Revision
Control_register_1
Idle
1
R/W
0Fh
1b
<7>
1: Idle mode
0: Low Power mode
Low_
power_
timebase
3
R/W
0Fh
111b
<6:4>
Low Power readout
time base register
INT_
disable
1R/W
0Fh
0b
<3>
Disables the
interrupt
functionality.
1: Interrupt disabled
0: Interrupt enabled
INT_
function
1R/W
0Fh
0b
<2>
Interrupt control
register
0: Interrupt goes low
with every new
calculated x/y
coordinates
1: Interrupt pin goes
low in when new x/y
coordinates are
calculated and the
magnet has exited
the xp, xn, yp, yn
threshold values
soft_rst
1
R/W
0Fh
0b
<1>
Soft Reset
0: Normal mode
1: All registers return
to their respective
reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com