Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 42 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 42 Page - ams AG

Back Button AS5013 Datasheet HTML 38Page - ams AG AS5013 Datasheet HTML 39Page - ams AG AS5013 Datasheet HTML 40Page - ams AG AS5013 Datasheet HTML 41Page - ams AG AS5013 Datasheet HTML 42Page - ams AG AS5013 Datasheet HTML 43Page - ams AG AS5013 Datasheet HTML 44Page - ams AG AS5013 Datasheet HTML 45Page - ams AG AS5013 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Page 42
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − Pack age Drawings & Mark ings
Mechanical Data
Figure 43:
Die Placement and Hall Array Position
Note(s):
1. All dimensions in mm.
2. The Hall array center is located in the center of the IC package. Hall array radius is 1.1mm.
3. Die thickness is 150μm nominal.
4. Adhesive thickness 15μm nominal.
5. Leadframe thickness 76μm nominal.
Recommended Footprint
Figure 44:
Footprint
Recommended Footprint Data
Symbol (mm)
Typ
C1
3.7
C2
3.7
E
0.65
X1
0.40
Y1
0.7
X2
2.6
Y2
2.6
Y1
X1
X2
E
C1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com