Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 24 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 24 Page - ams AG

Back Button AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Page 24
ams Datasheet
Document Feedback
[v2-00] 2021-Apr-19
AS5013 − I²C Registers
Figure 23:
Control Register 1 (0Fh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Idle
Time base
bit[2]
Time base
bit[1]
Time base
bit[0]
INT_
disable
INT_
function
Soft_rst
Data_
valid
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Reset value: 1111 0000
Bit
Bit Description
7
0= Low Power Mode
The measurements are triggered with an internal low power oscillator – the user can select
between 8 different timings by setting the low power timebase (Control Register 1 [6:4])
1=Idle Mode (default)
A new measurement cycle is started after the I²C ACK bit following the read out of the Y_res_int
register 11h. The readout rate and thus the power consumption is externally controlled by the
host MCU.
6:4
Configure the time base of the automatic wakeup in Low Power Mode (see Figure 24).
3
0=Interrupt output INTn is enabled (default)
1=Interrupt output INTn is disabled and is fixed to Hi-Z
2
0=Interrupt output INTn is active ‘0’ after each measurement (default):
- Automatically triggered in Low Power mode, depending on the time base chosen
- 450μs after Y readout in Idle mode
The interrupt is cleared by the I²C ACK bit after reading the Y_res_int 11h. In block read mode,
the several other bytes could be transferred before the interrupt is cleared.
1=Interrupt output INTn is active ‘0’ when the movement of the magnet exceeds the Dead Zone
area. (see Figure 25).
The Dead Zone area is set by registers Xp (Reg 12h), Xn (Reg 13h), Yp (Reg 14h), Yn (Reg 15h).
The interrupt is cleared by the I²C ACK bit after reading the Y_res_int register 11h, and will be
active ‘0’ at the next measurement if the magnet is still in the Detection Area. In block read
mode, several other bytes could be transferred before the interrupt is cleared when the Y_res_
int register is read.
It is recommended to use this mode with the Low Power mode (Idle = 0), in order to wake up
automatically a system when the magnet has been moved away from the center. The polling
time is set by the Low Power time base bit [6:4].
1
0=Normal mode (default)
1=Reset mode. All the internal registers are loaded with their reset value. The Control Register 1
is loaded as well with the value 1111 0000, then the Soft_rst bit goes back to 0 (Normal mode)
once the internal reset sequence is finished.
I²C Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com