Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 39 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 39 Page - ams AG

Back Button AS5013 Datasheet HTML 35Page - ams AG AS5013 Datasheet HTML 36Page - ams AG AS5013 Datasheet HTML 37Page - ams AG AS5013 Datasheet HTML 38Page - ams AG AS5013 Datasheet HTML 39Page - ams AG AS5013 Datasheet HTML 40Page - ams AG AS5013 Datasheet HTML 41Page - ams AG AS5013 Datasheet HTML 42Page - ams AG AS5013 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
ams Datasheet
Page 39
[v2-00] 2021-Apr-19
Document Feedback
AS5013 − I²C Registers
Control Register for the Algorithm
M_ctrl
8
R/W
2Bh
00h
<7:0>
Control register for
the middle Hall
element C5. If the
register is zero the
middle Hall element
is not used for the
XY calculation
J_ctrl
8
R/W
2Ch
06h
<7:0>
Control register for
the sector
dependent
attenuation of the
outer Hall elements
T_ctrl
8
R/W
2Dh
09h
<7:0>
Scale input to fit to
the 8-bit result
register
Control_register_2
Test
1
R/W
2Eh
1b
<7>
Test only, must be ‘1’
Test
1
R/W
2Eh
0b
<6>
Test only, must be ‘0’
Test
1
R/W
2Eh
0b
<5>
Test only, must be ‘0’
ext_clk_en
1
R/W
2Eh
0b
<4>
Test only, must be ‘0’
use_
static_
offset
1
R/W
2Eh
0b
<3>
Test only, must be ‘0’
EN_offset_
comp
1
R/W
2Eh
1b
<2>
Test only, must be ‘1’
inv_
spinning
1R/W
2Eh
0b
<1>
Invert the channel
voltage. Set to invert
the magnet polarity
pptrim_en
1
R/W
2Eh
0b
<0>
Factory only, must
be ‘0’
Register
Number
of Bits
Access
Address
Format
Reset
Value
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com