Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 4 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 4 Page - Emerson Network Power

  GLS53 Datasheet HTML 1Page - Emerson Network Power GLS53 Datasheet HTML 2Page - Emerson Network Power GLS53 Datasheet HTML 3Page - Emerson Network Power GLS53 Datasheet HTML 4Page - Emerson Network Power GLS53 Datasheet HTML 5Page - Emerson Network Power GLS53 Datasheet HTML 6Page - Emerson Network Power GLS53 Datasheet HTML 7Page - Emerson Network Power GLS53 Datasheet HTML 8Page - Emerson Network Power GLS53 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
GLQ123 Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-189 Rev 0 5/21/09 Ref: NTQ123\OP
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention is required
to ensure safety compliance with the following safety standards: UL60950-1, EN60950-1,
IEC60950-1, and CSA22.2 No. 60950-1-03; including the requirements for creepage
distances, clearances, and distance through insulation between primary wiring and earth
or secondary (SELV) wiring.
3. The power supply’s rated input voltage is automatically selected. Please refer to the
specification sheet for the input voltage range.
4. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5. The earth ground wire must be connected only to the point marked with the earth ground
symbol (on the unit).
6. The disconnection from the line must be in the end system.
7. Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
8. The unit must be protected by a fuse in the end system. Components, such as capacitors,
may be positioned in front of the internal fuse.
9. The internal fuse should only be replaced with a F4AL, 250 V ac, type 19370 manufac-
tured by Wickmann.
10. This equipment is considered Class I according to protection against electric shock.
11. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
12. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or send an
e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for additional
product information and specification sheets.
Output Ratings
Output Voltage (V)
30 CFM Forced Air Cooling (unit not convection rated)
Max. Output Current (A)
Max. Output Power (W)
+5
24.0
120
+3.3
25.0
+12
2.0
-12
1.0
Mechanical Outline
SK1
SK4
SK3
SK2
SK5
SK6
5
3
1
1
2
3
6
10
1
5
5 V Adj.
3.3 V Adj.
Connector PIN Designation
Input Connector
PIN
Designation
SK1
1
Earth GND
3
Neutral
5
Line
Output Connector
PIN
Designation
SK2
+5 V
SK3
Common
SK4
+3.3 V
SK5
1
+12 V
2
Common
3
-12 V
SK6
1
+3.3 V SWP (Single Wire Parallel)
2
-Sense
3
+3.3 V +Sense
4
+5 V SWP (Single Wire Parallel)
5
Common
6
+5 V +Sense
7
-Sense
8
+Inhibit
9
-Inhibit
10
Power Fail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com