Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 26 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 26 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 22Page - Emerson Network Power GLS53 Datasheet HTML 23Page - Emerson Network Power GLS53 Datasheet HTML 24Page - Emerson Network Power GLS53 Datasheet HTML 25Page - Emerson Network Power GLS53 Datasheet HTML 26Page - Emerson Network Power GLS53 Datasheet HTML 27Page - Emerson Network Power GLS53 Datasheet HTML 28Page - Emerson Network Power GLS53 Datasheet HTML 29Page - Emerson Network Power GLS53 Datasheet HTML 30Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
GLS110 Series Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
©2009 EGS Electrical Group, LLC. All rights reserved. Specifications subject to change without notice.
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC.
assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
GLS114 and GLS115 are commercial designations of model numbers LPS114 and LPS115 respectively.
Mechanical Dimensions
4.28
[108.6]
2.50
[63.5]
6.40 [162.6]
7.30 [185.5]
2.20
[56.0]
5.90 [150.0]
.86
[21.8]
All dimensions are in inches [mm]
Screw size: #6-32
Bottom View with Optional L-Bracket
Side View with Optional L-Bracket
Typical Ventilation Setup
POWER SUPPLY UNIT
POWER SUPPLY UNIT
AIR FLOW
AIR FLOW
FAN
FAN
AC INPUT CONNECTOR
Top View
Side View
Fan Used: MINEBEA 3610NL-04W-B30, 12 V dc, 0.23 A
Dc Input for Fan During Testing: 12 V dc
NOTE: Dimensions and fan used are for reference only
6.50 [165]
4.13 [105]
8.07 [205]
1.37 [35]
1.37 [35]
1.37 [35]
1.37 [35]
.98 [25]
4.72 [120]
18.89 [480]
1.96 [50]
.19 [5]
.59 [15]
.59 [15]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com