Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 25 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 25 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 21Page - Emerson Network Power GLS53 Datasheet HTML 22Page - Emerson Network Power GLS53 Datasheet HTML 23Page - Emerson Network Power GLS53 Datasheet HTML 24Page - Emerson Network Power GLS53 Datasheet HTML 25Page - Emerson Network Power GLS53 Datasheet HTML 26Page - Emerson Network Power GLS53 Datasheet HTML 27Page - Emerson Network Power GLS53 Datasheet HTML 28Page - Emerson Network Power GLS53 Datasheet HTML 29Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
GLS110 Series Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-200 Rev 0 5/13/09 Ref: 03361001612
To comply with the published safety standards, the following must be observed when using
this power supply:
1.
Maximum ambient temperature for the power supply must not exceed 50°C.
2.
When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 234-M90; including the requirements for
creepage distances, clearances, and distance through insulation between primary
wiring and earth or secondary (SELV) wiring.
3.
The power supply’s rated input voltage is automatically selected. Please refer to the
specification sheet for the input voltage range.
4.
The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5.
The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
6.
Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
7. When operating with a dc input voltage range, the dc source must be rectified from a
mains supply not exceeding 250 V ac. The unit input must also be protected by a dc
rated fuse in the end-use installation system.
8.
The internal fuse should only be replaced with a 4 A, 250 V ac, Type SP0001.1010
manufactured by Schurter AG, Type 216004 manufactured by Littelfuse or Type S501
manufactured by Cooper.
9.
This equipment is considered Class I according to protection against electric shock.
10. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
11. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or
send an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for
additional product information and specification sheets.
Output Ratings
Model
Output Voltage
(V)
Convection Cooling
30 CFM Forced Air Cooling
Calculated
Max. Output
Current (A)
Max. Output
Power (W)
Max. Output
Current (A)
Max. Output
Power (W)
GLS114
+15
5.3
80
7.3
110
GLS115
+24
3.3
4.6
Mechanical Outline & Dimensions
4.00
[101.6]
3.50
[88.9]
.25 [6.35]
.25 [6.35]
6.50 [165.1]
7.00 [177.8]
1
9
SK201
SK202
1
3
5
SK1
SK2
Connector PIN Designation
Input Connector
PIN
GLS114
GLS115
SK1
1
GND
3
Neutral
5
Line
Output Connector
PIN
GLS114
GLS115
SK2
1
+15 V
+24 V
2
3
4
Common
5
6
7
8
+15 V
+24 V
9
SK201
1
+Sense
2
-Sense
SK202
1
P OK
2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com