Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 43 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 43 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 39Page - Emerson Network Power GLS53 Datasheet HTML 40Page - Emerson Network Power GLS53 Datasheet HTML 41Page - Emerson Network Power GLS53 Datasheet HTML 42Page - Emerson Network Power GLS53 Datasheet HTML 43Page - Emerson Network Power GLS53 Datasheet HTML 44Page - Emerson Network Power GLS53 Datasheet HTML 45Page - Emerson Network Power GLS53 Datasheet HTML 46Page - Emerson Network Power GLS53 Datasheet HTML 47Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
GLS253-C, GLS255-C Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-193 Rev 0 5/5/09 Ref: 03361002223
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for GLS255-C must not exceed 50°C. Maximum
ambient temperature for GLS253-C must not exceed 50°C at 250 W, 21 A or 70°C at
125 W, 10.5 A.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03; including the requirements
for creepage distances, clearances, and distance through insulation between primary
wiring and earth or secondary (SELV) wiring.
3. The power supply’s rated input voltage is automatically selected. Please refer to the
specification sheet for the input voltage range.
4. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5. This unit contains a secondary output exceeding 240 VA. When installing the unit into
the end system, make sure the secondary output and the appropriate wire cannot be
touched.
6. The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
7. The disconnection from the line must be in the end system.
8. Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
9. When operating with a dc input voltage range, the unit input must be protected by a dc
rated fuse in the end-use installation system.
10. The internal fuse should only be replaced with a F6.3AH, 250 V ac, type 21606.3
manufactured by Littelfuse, type 50CF063H manufactured by Triad, or type S501
manufactured by Cooper.
NOTE:
Components, such as capacitors, may be positioned in front of the internal fuse.
The unit must be protected by a fuse in the end system.
11. This equipment is considered Class I according to protection against electric shock.
12. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
13. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or send
an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for addi-
tional product information and specification sheets.
Mechanical Outline
Output Adj.
SK1
3
2
1
SK4
SK5
A
B
1
8
SK3
Bus
Bar
SK7
Connector PIN Designation
Input Connector
PIN
GLS253-C
GLS255-C
SK1
1
Neutral
2
Line
3
Earth GND
Output Connector
PIN
GLS253-C
GLS255-C
Bus Bar
A
+6 V to +12 V
+24 V to +48 V
B
Common
SK3
1
+Sense
2
-Sense
3
Inhibit (normally open)
4
Inhibit (normally closed)
5
Common
6
C. Share
7
P OK
8
Dc OK
SK4
1
Fan (+)
2
Fan (-)
SK5
1
+5 V (aux)
2
Common
SK7
1
Fan (+)
2
Fan (-)
Output Ratings
Model
Output Voltage (V)
30 CFM Forced Air Cooling (unit not convection rated)
Max. Output Current (A)
Max. Output Power (W)
GLS253-C
+6 to +12
21.0
250 with cover
GLS255-C
+24 to +48
10.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com