Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 16 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 16 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 12Page - Emerson Network Power GLS53 Datasheet HTML 13Page - Emerson Network Power GLS53 Datasheet HTML 14Page - Emerson Network Power GLS53 Datasheet HTML 15Page - Emerson Network Power GLS53 Datasheet HTML 16Page - Emerson Network Power GLS53 Datasheet HTML 17Page - Emerson Network Power GLS53 Datasheet HTML 18Page - Emerson Network Power GLS53 Datasheet HTML 19Page - Emerson Network Power GLS53 Datasheet HTML 20Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
GLQ252-C, GLQ253-C Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-194 Rev 0 6/4/09 Ref: 03361002202
To comply with the published safety standards, the following must be observed when using this
power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention is required
to ensure safety compliance with the following safety standards: UL60950-1, EN60950-1,
IEC60950-1, and CSA22.2 No. 60950-1-03; including the requirements for creepage
distances, clearances, and distance through insulation between primary wiring and earth or
secondary (SELV) wiring.
3. Thepowersupply’sratedinputvoltageisautomaticallyselected.Pleaserefertothespecifi-
cation sheet for the input voltage range.
4. Themaximumoutputpowerofthesupplymustnotexceedtheratingindicatedinthespecifi-
cation sheet.
5. The earth ground wire must be connected only to the point marked with the earth ground
symbol (on the unit).
6. The disconnection from the line must be in the end system.
7. Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
8. The unit must be protected by a fuse in the end system. Components, such as capacitors, may
be positioned in front of the internal fuse.
9. Whenoperatingwithadcinputvoltagerange,thedcsourcemustberectifiedfromamains
supply not exceeding 250 V ac. The unit input must also be protected by a dc rated fuse in
the end-use installation system.
10. The internal fuse should only be replaced with a F6.3AH, 250 V ac, type 21606.3 manufac-
tured by Littelfuse, type 50CF063H manufactured by Triad, or type S501 manufactured by
Cooper.
11. This equipment is considered Class I according to protection against electric shock.
12. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
13. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or send an
e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for additional
productinformationandspecificationsheets.
Output Ratings
Model
Output Voltage (V)
30 CFM Forced Air Cooling (unit not convection rated)
Max. Output Current (A)
Max. Output Power (W)
GLQ252-C
+5
35.0
250 with cover
+12
10.0
-12
6.0
+5 to +25
6.0
GLQ253-C
+5
35.0
+15
10.0
-15
6.0
+5 to +25
6.0
Mechanical Outline
L14
C37
C38
C36
SK3
R9
C35
R10
R76
L4
SK4
SK5
B
C42
1
2
L6
B
L
N
A
A
L
N
SK7
R13
R26
R32
L11
L10
L16
SK1
SK2
B
B
B
6
5
4
3
2
1
1
2
1
8
4th O/P Adj.
O/P Adj.
A
B
Bus Bar
3
2
1
Connector PIN Designation
Input Connector
PIN
GLQ252-C
GLQ253-C
SK1
1
Neutral
2
Line
3
Earth GND
Output Connector
PIN
GLQ252-C
GLQ253-C
Bus Bar
A
+5 V
B
Common
SK2
1
+12 V
+15 V
2, 3
Common
4
-12 V
-15 V
5
Return(float)
6
+5Vto+25Vadj.(float)
SK3
1
+Sense
2
-Sense
3
Inhibit (normally open)
4
Inhibit (normally closed)
5
Common
6
Active current share
7
P OK
8
Dc OK
SK4
1
Fan (+)
2
Fan (-)
SK5
1
+5 V (aux)
2
Common
SK7
1
Fan (+)
2
Fan (-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com