Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 49 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 49 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 45Page - Emerson Network Power GLS53 Datasheet HTML 46Page - Emerson Network Power GLS53 Datasheet HTML 47Page - Emerson Network Power GLS53 Datasheet HTML 48Page - Emerson Network Power GLS53 Datasheet HTML 49Page - Emerson Network Power GLS53 Datasheet HTML 50Page - Emerson Network Power GLS53 Datasheet HTML 51Page - Emerson Network Power GLS53 Datasheet HTML 52Page - Emerson Network Power GLS53 Datasheet HTML 53Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
GLS354-C, GLS355-C, GLS355-CEF Installation & Operating Instructions
P/N: A272-172 Rev 2 01/06/10 Ref: LPS354&355\OP.K
Installation & Safety
To comply with the published safety standards, the following must be observed when
using this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention
is required to ensure safety compliance with the following safety standards:
UL60950-1, EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03; including the
requirements for creepage distances, clearances, and distance through insulation
between primary wiring and earth or secondary (SELV) wiring.
3. The power supply’s rated input voltage is automatically selected. Please refer to
the specification sheet for the input voltage range.
4. The maximum output power of the supply must not exceed the rating indicated in
the specification sheet.
5. This unit contains a secondary output exceeding 240 VA. When installing the unit
into the end system, make sure the secondary output and the appropriate wire
cannot be touched.
6. Hazardous voltages exist in the primary circuits. Disconnect the power supply
before servicing.
7. The internal fuse should only be replaced with a F10AH, 250 V ac, type
SP0001.1014 manufactured by Schurter AG or type 216010 manufactured by
Littelfuse.
8. This power supply is
marked following the provisions of the Low Voltage
Directive, 2006/95/EC.
For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or
send an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for
additional product information and specification sheets.
Output Ratings
Model
OutputVoltage(V)
30CFMForcedAirCooling(unit not convection rated)
Max.OutputCurrent(A) Max.OutputPower(W)
GLS354-C
15 (+12 to +24)
23.4
350 with cover
GLS355-C(-CEF)
24 (+24 to +48)
14.6
Mechanical Outline
J1
Output Voltage
Adjust Trimmer
SK1
3
2
1
SK4
SK5
SK6
SK3
1
10
TB1
+V out
Common
Connector PIN Designation
InputConnector
PIN
Designation
SK1
1
Neutral
2
Line
3
Earth GND
OutputConnector
PIN
Designation
TB1
+
V1 positive
-
V1 common
SK3
1
No connection
2
No connection
3
+Sense
4
-Sense
5
P OK
6
C. Share
7
Dc OK
8
Inhibit (normally open)
9
Inhibit (normally closed)
10
Common
SK4
1
+5 V (aux)
2
Common
SK5
1
+Fan 1 (+12 V)
2
Common
SK6
1
+Fan 2 (+12 V)
2
Common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com