Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 70 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 70 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 66Page - Emerson Network Power GLS53 Datasheet HTML 67Page - Emerson Network Power GLS53 Datasheet HTML 68Page - Emerson Network Power GLS53 Datasheet HTML 69Page - Emerson Network Power GLS53 Datasheet HTML 70Page - Emerson Network Power GLS53 Datasheet HTML 71Page - Emerson Network Power GLS53 Datasheet HTML 72Page - Emerson Network Power GLS53 Datasheet HTML 73Page - Emerson Network Power GLS53 Datasheet HTML 74Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
GLS53-I Installation & Operating Instructions
P/N: A272-207 Rev 0 6/29/09 Ref: 03370201560
©2009 EGS Electrical Group, LLC. All rights reserved. Specifications subject to change without notice.
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC.
assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions
GLS53-I is a commercial designation of model number LPS53(-I).
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C. The power
supply has been evaluated for use in 70°C at half load and 80°C at quarter load.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03. The safety requirements
include creepage distances, clearances, and distance through insulation between
primary wiring and earth or secondary (SELV) wiring.
3. This power supply is approved and certified for the rated voltage range of 100 V ac to
240 V ac.
4. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5. The disconnection from the line must be in the end system.
6. The unit must be protected with dc rated fuse when operating in a dc input voltage.
7. The internal fuse should only be replaced with a 3.15A, 250 V ac, type TE5/392 manufac-
tured by Wickmann.
8. This equipment is considered Class I according to protection against electric shock.
9. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
10. For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or send
an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for addi-
tional product information and specification sheets.
Output Ratings
Output Voltage (V)
Convection Cooling
Max. Output Current (A)
Max. Output Power (W)
+12
5.0
60
Connector PIN Designation
Input Connector
PIN
Designation
SK1
1
Line
3
Neutral
Output Connector
PIN
Designation
SK2
1
+12 V
2
+12 V
3
Common
4
Common
5
-Sense
6
+Sense
Mechanical Outline & Dimensions
Mounting Hole
.16 [4.0] 4 X
3.73
[94.7]
4.00
[101.6]
.16
[4.0]
Earth
GND
3
F1
1
M1
~
~
T2
6
1
Output Voltage
Adjust Pot
M2
SK1
SK2
Top View
Side View
All dimensions are in inches [mm].
Maximum screw head diameter is .22″ [5.6 mm].
Mounting holes M1 and M2 should be grounded for EMI
purposes. Mounting hole M1 is an earth ground connection.
CAUTION! Do not accidentally connect the ac connector to
the dc output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com