Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 24 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 24 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 20Page - Emerson Network Power GLS53 Datasheet HTML 21Page - Emerson Network Power GLS53 Datasheet HTML 22Page - Emerson Network Power GLS53 Datasheet HTML 23Page - Emerson Network Power GLS53 Datasheet HTML 24Page - Emerson Network Power GLS53 Datasheet HTML 25Page - Emerson Network Power GLS53 Datasheet HTML 26Page - Emerson Network Power GLS53 Datasheet HTML 27Page - Emerson Network Power GLS53 Datasheet HTML 28Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
GLS100-M Series Specifications
Input
Input range
90-264 Vac; 120-300 Vdc
Frequency
47-63 Hz
Inrush current
50 A max., cold start @ 25°C
Efficiency
88% typical at full load
EMI/RFI
FCC Class B conducted; CISPR22 Class B conducted;
EN55022 Class B conducted; VDE 0878 PT3 Class B conducted
Safety ground
leakage current
275 μA @ 50/60 Hz, 264 Vac input
Output
Maximum power
100 W for convection (80 W for GLS102-M); 150 W with 30 CFM forced air (120 W for GLS102-M)
Adjustment range
±10% min. on the main outputs
Fan output
12 V @ 1 A isolated, ±10%
Hold-up time
10 ms @ 150 W load, 120 Vac input
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110 -160% above rating
Overvoltage protection
15% to 35% above nominal output
Logic Control
Power failure
Open collector logic signal goes high 100-500 msec after main output. It goes low at least 6 msec before loss of regulation.
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection protected.
Operating temperature
0° to 50°C ambient. Derate each output 2.5% per degree from 50° to 70°C. -20°C start up
Storage temperature
-40°C to 85°C
Electromagnetic
susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 95% RH
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF demonstrated
>550,000 hours at full load and 25°C ambient conditions
Mating Connectors
(SK1) AC Input
Molex P/N: 09-50-8031, PINS: 08-52-0113 or Landwin P/N: 3060S0302, PINS: 3360T011P
AC Ground
Molex: 01-90020001
(SK2) DC
Outputs
Molex P/N: 09-50-8081, PINS: 08-52-0113 or Landwin P/N: 3060S0802, PINS: 3360T011P
(SK203) Remote
Sense
Molex P/N: 35155-0400, PINS: 08-70-0057 or Landwin P/N: 2640S04A0, PINS: 2543T011P
(SK5) Fan
Molex P/N: 22-01-1042, PINS: 08-70-0049 or Landwin P/N: 2510S04A0, PINS: 2543T011P
Connector Kit #70-841-025, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm).
3. Specifications are for convection rating at factory settings at 115 Vac input 25°C unless otherwise stated.
4. Mounting holes MH1 and MH2 should be grounded for EMI purposes.
5. Mounting hole MH1 is safety ground connection.
6. This power supply requires mounting on metal standoffs 0.20” (5 m) in height.
7. Warranty: 2 year
8. Weight: 0.44 lb/0.20 kg
Phone: (800) 377-4384
Email: tech@solahd.com
www.solahd.com
Electrical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com