Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 100 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 100 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 96Page - Emerson Network Power GLS53 Datasheet HTML 97Page - Emerson Network Power GLS53 Datasheet HTML 98Page - Emerson Network Power GLS53 Datasheet HTML 99Page - Emerson Network Power GLS53 Datasheet HTML 100Page - Emerson Network Power GLS53 Datasheet HTML 101Page - Emerson Network Power GLS53 Datasheet HTML 102Page - Emerson Network Power GLS53 Datasheet HTML 103Page - Emerson Network Power GLS53 Datasheet HTML 104Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 109 page
background image
GLX140-CF Cover Top Fan Kit
P/N: A272-216 Rev 0 09/10/09 Ref: LPX140-CF
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC. assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
The SolaHD and Emerson logos are registered in the U.S. Patent and Trademark Office. All other product or service names are the property of their registered owners. ©2009 EGS Electrical Group, LLC. All rights reserved. Specifications subject to change without notice.
Designed for the following power supply: GLQ142
What’s Included
• One cover with top fan
• Four M3 x 6mm countersunk screws
Recommended Assembly
1. Attach fan wires to SK5 output connector.
SK5
SK2
SK6
1
2
6
1
SK3
Figure 1: SK5 Output Connector
2. Place cover over power supply and align with base countersink holes.
3. Secure cover to base using the supplied M3 x 6mm countersunk screws (4).
Overall Dimensions
1.50
[38.1]
-CF option
7.00 [177.8]
3.15 [80.0]
Figure 2: Mechanical Drawing
Notes
• All dimensions are in inches [mm].
• Ensure that the relevant safety standards (e.g. EN60950-1) are complied with, in
respect to creepage and clearance distances, and distances through insulation.
Technical Support
U.S.: (800) 377-4384 • International: (847) 268-6000
E-mail: tech@solahd.com • Web site: www.solahd.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com