Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 102 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 102 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 98Page - Emerson Network Power GLS53 Datasheet HTML 99Page - Emerson Network Power GLS53 Datasheet HTML 100Page - Emerson Network Power GLS53 Datasheet HTML 101Page - Emerson Network Power GLS53 Datasheet HTML 102Page - Emerson Network Power GLS53 Datasheet HTML 103Page - Emerson Network Power GLS53 Datasheet HTML 104Page - Emerson Network Power GLS53 Datasheet HTML 105Page - Emerson Network Power GLS53 Datasheet HTML 106Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 109 page
background image
GLX200 Cover Enclosure Kit
P/N: A272-206 Rev 0 12/08/09 Ref: LPX200
Designed for the following power supplies: GL200-M Series
What’s Included
• One base
• One cover
• One insulator sheet (plastic)
• Four M3 x 6mm Pan head screws (with attached spring washers)
• Four M3 x 6mm countersunk screws
• One M4 nut (for earth ground stud)
• One M4 spring washer (for earth ground stud)
• One M4 star washer (for earth ground stud)
Assembly
1.Place insulator sheet over base standoffs.
2.Place power supply over insulator sheet and align with base standoffs.
NOTE: Ensure the insulator sheet is correctly fitted in the base under the PBC to
maintain safety creepage and clearances.
3.Secure power supply to base using the supplied M3 x 6mm Pan head screws (4).
4.Place cover over power supply and align with base countersink holes.
5.Secure cover to base using the supplied M3 x 6mm countersunk screws (4).
Notes
• Ensure base is firmly connected to supply earth via the earth ground stud .
• Ensure that the relevant safety standards (e.g. EN60950-1) are complied with, in
respect to creepage and clearance distances, and distances through insulation.
• All dimensions are in inches [mm].
Output Terminals
Input Terminals
Insulator Sheet
Earth Ground Stud
Standoff (4X)
Cover
M3 x 6mm
Countersunk
Screw (4X)
Base
M3 x 6mm Pan
Head Screw (4X)
M4 Spring Washer
M4 Nut
M4 Star Washer
Power Supply
Figure 1: Assembly Drawing
Page1of2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com