Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 105 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 105 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 101Page - Emerson Network Power GLS53 Datasheet HTML 102Page - Emerson Network Power GLS53 Datasheet HTML 103Page - Emerson Network Power GLS53 Datasheet HTML 104Page - Emerson Network Power GLS53 Datasheet HTML 105Page - Emerson Network Power GLS53 Datasheet HTML 106Page - Emerson Network Power GLS53 Datasheet HTML 107Page - Emerson Network Power GLS53 Datasheet HTML 108Page - Emerson Network Power GLS53 Datasheet HTML 109Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 105 / 109 page
background image
GLX250-CF Cover Top Fan Kit
P/N: A272-217 Rev 0 09/10/09 Ref: LPX250-CF
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC. assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
The SolaHD and Emerson logos are registered in the U.S. Patent and Trademark Office. All other product or service names are the property of their registered owners. ©2009 EGS Electrical Group, LLC. All rights reserved. Specifications subject to change without notice.
Designed for the following power supplies: GL250 Series and GL350 Series
What’s Included
• One cover with top fan
• Four M3 x 6mm countersunk screws
Recommended Assembly
1. Remove M3 x 6mm countersunk screws (4) and original cover.
2. Attach fan wires to SK4 or SK7 output connector for GL250 Series, SK5 or SK6
output connector for GLS350 Series and SK6 output connector for GLQ350 Series.
See Figures 1-3.
3. Place cover over power supply and align with base countersink holes.
4. Secure cover to base using the supplied M3 x 6mm countersunk screws (4).
Overall Dimensions
3.15 [80.0]
9.00 [228.6]
3.68 [93.6]
2.17 [55.0]
-CF option
GL250 Series: 3.00 [76.2]
GLS350 Series: 3.64 [92.5]
GLQ350 Series: 3.50 [88.9]
Figure 4: Mechanical Drawing—All Models
Notes
• All dimensions are in inches [mm].
• Ensure that the relevant safety standards (e.g. EN60950-1) are complied with, in
respect to creepage and clearance distances, and distances through insulation.
Technical Support
U.S.: (800) 377-4384 • International: (847) 268-6000
E-mail: tech@solahd.com • Web site: www.solahd.com
Output Adj.
SK4
SK3
SK7
SK5
SK3
Output Adj.
SK4
SK5
SK6
SK3
Output Adj.
SK6
SK4
SK5
Figure 1: Fan connection for GL250 Series
Figure 2: Fan connection for GLS350 Series
Figure 3: Fan connection for GLQ350 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com