Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 106 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 106 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 101Page - Emerson Network Power GLS53 Datasheet HTML 102Page - Emerson Network Power GLS53 Datasheet HTML 103Page - Emerson Network Power GLS53 Datasheet HTML 104Page - Emerson Network Power GLS53 Datasheet HTML 105Page - Emerson Network Power GLS53 Datasheet HTML 106Page - Emerson Network Power GLS53 Datasheet HTML 107Page - Emerson Network Power GLS53 Datasheet HTML 108Page - Emerson Network Power GLS53 Datasheet HTML 109Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
GLX40/60 Cover Enclosure Kit
P/N: A272-204 Rev 0 06/25/09 Ref: LPX40/60
Designed for the following power supplies: GL20 Series, GL40 Series and GL60 Series
What’s Included
•Onebase
•Onecover
•Oneinsulatorsheet(plastic)
•FourM3x6mmPanheadscrews(withattachedwashers)
•TwoM3x6mmcountersunkscrews
•OneM4nut(forearthgroundstud)
•OneM4springwasher(forearthgroundstud)
•OneM4starwasher(forearthgroundstud)
Assembly
1. Placeinsulatorsheetoverbasestandoffs.
2. Placepowersupplyoverinsulatorsheetandalignwithbasestandoffs.
NOTE:EnsuretheinsulatorsheetiscorrectlyfittedinthebaseunderthePBCto
maintainsafetycreepageandclearances.
3. SecurepowersupplytobaseusingthesuppliedM3x6mmPanheadscrews(4).
4. Placecoveroverpowersupplyandalignwithbasecountersinkholes.
5. SecurecovertobaseusingthesuppliedM3x6mmcountersunkscrews(2).
Notes
•Ensurebaseisfirmlyconnectedtosupplyearthviatheearthgroundstud .
•Ensurethattherelevantsafetystandards(e.g.EN60950-1)arecompliedwith,in
respecttocreepageandclearancedistances,anddistancesthroughinsulation.
•Alldimensionsareininches[mm].
Cover
Output Terminals
Power Supply
Insulator Sheet
Input Terminals
Standoff (4X)
Base
Earth Ground Stud
M3 x 6mm
Countersunk
Screw (2X)
M4 Nut
M4 Spring Washer
M4 Star Washer
M3 x 6mm
Pan Head
Screw (4X)
Figure 1: Assembly Drawing
Page 1 of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com