Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 58 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 58 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 54Page - Emerson Network Power GLS53 Datasheet HTML 55Page - Emerson Network Power GLS53 Datasheet HTML 56Page - Emerson Network Power GLS53 Datasheet HTML 57Page - Emerson Network Power GLS53 Datasheet HTML 58Page - Emerson Network Power GLS53 Datasheet HTML 59Page - Emerson Network Power GLS53 Datasheet HTML 60Page - Emerson Network Power GLS53 Datasheet HTML 61Page - Emerson Network Power GLS53 Datasheet HTML 62Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
GLS505-CF, GLS505-M-CF Installation & Operating Instructions
P/N: A272-174 Rev 2 12/29/09 Ref: 03366205620
Installation & Safety
To comply with the published safety standards, the following must be observed when using this
power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C. Derate each
output 2.5% per degree from 50°C to 70°C ambient temperature.
2. When installing the power supply in the end-use equipment, special attention is required
to ensure safety compliance with the following safety standards: UL60950-1, EN60950-1,
IEC60950-1, and CSA22.2 No. 60950-1-03 for the GLS505-CF; UL60601-1, EN60601-1,
IEC60601-1, and CSA22.2 No. 60601-1 for the GLS505-M-CF. The safety requirements
include creepage distances, clearances, and distance through insulation between primary
wiring and earth or secondary (SELV) wiring.
3. The ac-dc input connector is approved as a component of the power supply, however, it was
not specifically evaluated to IEC60320.
4. This power supply is approved and certified for the rated voltage range of 100 V ac to 250 V
ac and/or 120 V dc (minimum) to 300 V dc (maximum).
5. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
6. This power supply contains a +24 V output exceeding 240 VA. When installing the unit into
the end system, make sure the outputs and the appropriate wire cannot not be touched.
7. The disconnection from the line must be in the end system.
8. Hazardous voltages exist in the primary circuits. Disconnect power supply before servicing.
9. The internal fuses (F1, F2) should only be replaced by a F10AH A, 250 V ac, type 216010
MXEP manufactured by Littelfuse or type 5HFP manufactured by Belfuse.
NOTE: The power supply has a fuse on the neutral line.
10. The earthing conductor in the end system should not be less than 8 awg (10 mm2) in a
cross-sectional area.
11. GLS505-M-CF has no patient applied part.
12. The equipment is considered Class I according to protection against electric shock.
13. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or send an
e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for additional product
information and specification sheets.
Mechanical Outline
CN1
SK7
SK4
SK5
SK6
1
2
3
5
1
10
6
Connector PIN Designation
InputTerminal
PIN
Designation
CN1
1
Line
2
Neutral
3
Earth GND
OutputConnector
PIN
Designation
SK4
OR-ing terminal
SK5
+24 V main
SK6
Common/Return
SK7(SignalOutput)
1
V1 SWP (Single Wire Parallel)
2
-Remote sense
3
+Remote sense
4
+5 V standby
5
Standby return
6
+12 V (fan out)
7
Common
8
Remote inhibit
9
Dc power good
10
Power fail
Note: For information on the I2C Header (CN403) and Fan Header (SK8), please contact Technical Support.
Output Ratings
OutputVoltage(V)
ConvectionCooling
30CFMForcedAirCooling
Max.Output
Current(A)
Max.Output
Power(W)
Max.Output
Current(A)
Max.Output
Power(W)
+24
8.34
200
20.84
500 with cover fan
+5 standby
1.00
2.00
+12 (fan out)
0.50
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com