Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 35 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 35 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 31Page - Emerson Network Power GLS53 Datasheet HTML 32Page - Emerson Network Power GLS53 Datasheet HTML 33Page - Emerson Network Power GLS53 Datasheet HTML 34Page - Emerson Network Power GLS53 Datasheet HTML 35Page - Emerson Network Power GLS53 Datasheet HTML 36Page - Emerson Network Power GLS53 Datasheet HTML 37Page - Emerson Network Power GLS53 Datasheet HTML 38Page - Emerson Network Power GLS53 Datasheet HTML 39Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
GLS170 Series, GLS170-M Series Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions.
GLS172, GLS173, GLS174, and GLS175 are commercial designations of model numbers LPS172, LPS173, LPS174, and LPS175 respectively.
GLS172-M, GLS173-M, GLS174-M, and GLS175-M are commercial designations of model numbers LPS172-M, LPS173-M, LPS174-M, and LPS175-M respectively.
©2009 EGS Electrical Group, LLC. All rights reserved. Specifications subject to change without notice.
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC.
assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
Typical Ventilation Setup
AIR FLOW
MIN 30 CFM
AIR FLOW
MIN 30 CFM
VENTILATION BOX
A
F
N
INPUT CONNECTOR
5.00 [127.0]
14.37 [365.0]
2.36 [60.0]
3.35 [85.1]
1.54 [39.1]
1.54 [39.1]
5.04 [128.1]
INPUT CONNECTOR
FAN
POWER SUPPLY
POWER SUPPLY
Top View
Side View
30 CFM forced air cooling
NOTE: Dimensions and fan used are for reference only
Mechanical Outline & Dimensions
SK4
5
3
1
TB-1
TB-2
SK3
5
1
10
6
SK1
Voltage Adj. Pot
1.50 [38.1]
.75 [19.1]
2.50 [63.5]
2.11 [53.5]
4.25 [108.0]
b
a
a
b
6.61 [168.0]
7.40 [188.0]
6.61 [168.0]
7.40 [188.0]
8.50 [216.0]
Side View
Bottom View
All dimensions are in inches [mm]
Screw Size: a = #6-32 (U.S.); b = M3 (International)
b
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com