Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 31 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 31 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 27Page - Emerson Network Power GLS53 Datasheet HTML 28Page - Emerson Network Power GLS53 Datasheet HTML 29Page - Emerson Network Power GLS53 Datasheet HTML 30Page - Emerson Network Power GLS53 Datasheet HTML 31Page - Emerson Network Power GLS53 Datasheet HTML 32Page - Emerson Network Power GLS53 Datasheet HTML 33Page - Emerson Network Power GLS53 Datasheet HTML 34Page - Emerson Network Power GLS53 Datasheet HTML 35Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
GLS150 Series Installation & Operating Instructions
P/N: A272-169 Rev 2 12/29/09 Ref: 03361001994
Installation & Safety
To comply with the published safety standards, the following must be observed when
using this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention
is required to ensure safety compliance with the following safety standards:
UL60950-1, EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03; including the
requirements for creepage distances, clearances, and distance through insulation
between primary wiring and earth or secondary (SELV) wiring.
3. The power supply’s rated input voltage is automatically selected. Please refer to
the specification sheet for the input voltage range.
4. The maximum output power of the supply must not exceed the rating indicated in
the specification sheet.
5. The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
6. Hazardous voltages exist in the primary circuits. Disconnect the power supply
before servicing.
7. When operating with a dc input voltage range, the unit input must be protected by
a dc rated fuse in the end-use installation system.
8. The internal fuse should only be replaced with a 5 A, 250 V ac, type SP0001.1011
manufactured by Schurter AG, type 216005 manufactured by Littelfuse or type
S501 manufactured by Cooper.
9. This power supply is
marked following the provisions of the Low Voltage Direc-
tive, 2006/95/EC.
For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or
send an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for
additional product information and specification sheets.
Output Ratings
Model
Output
Voltage(V)
ConvectionCooling
30CFMForcedAirCooling
Max.Output
Current(A)
Max.Output
Power(W)
Max.Output
Current(A)
Max.Output
Power(W)
GLS152
+5
22.0
75 with cover
110 without cover
30.0
130 with cover
150 without cover
GLS153
+12 to +15
9.1
12.5
GLS155
+24 to +28
4.5
6.2
Mechanical Outline
5
SK1
1
F5AH
1
2
250V
1
2
3
4
5
6
7
9
8
SK2
SK3
SK4 3
1
8
Output
Adjust
Connector PIN Designation
OutputConnector
PIN
GLS152
GLS153
GLS155
SK1
1
Inhibit -ve
2
Inhibit +ve
3
Secondary Vcc
4
No connection
5
Common
6
-Sense
7
+Sense
8
C-Share
SK2
1, 2, 3, 4, 8, 9
Not used
5
Common
6
No connection
7
P OK
SK3
T.B. 2
+5 V
+12 V to +15 V
+24 V to +28 V
T.B. 1
Common
InputConnector
PIN
GLS152
GLS153
GLS155
SK4
1
Earth GND
2
PIN removed
3
Line
4
PIN removed
5
Neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com