Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 10 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 10 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 6Page - Emerson Network Power GLS53 Datasheet HTML 7Page - Emerson Network Power GLS53 Datasheet HTML 8Page - Emerson Network Power GLS53 Datasheet HTML 9Page - Emerson Network Power GLS53 Datasheet HTML 10Page - Emerson Network Power GLS53 Datasheet HTML 11Page - Emerson Network Power GLS53 Datasheet HTML 12Page - Emerson Network Power GLS53 Datasheet HTML 13Page - Emerson Network Power GLS53 Datasheet HTML 14Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
GLQ150 Series Installation & Operating Instructions
P/N: A272-170 Rev 2 12/29/09 Ref: 03361001945
Installation & Safety
To comply with the published safety standards, the following must be observed when using this
power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention is required
to ensure safety compliance with the following safety standards: UL60950-1, EN60950-1,
IEC60950-1, and CSA22.2 No. 60950-1-03; including the requirements for creepage
distances, clearances, and distance through insulation between primary wiring and earth or
secondary (SELV) wiring.
3. The power supply’s rated input voltage is automatically selected. Refer to the specification
sheet for the input voltage range.
4. The maximum output power of the supply must not exceed the rating indicated in the specifi-
cation sheet.
5. The earth ground wire must be connected only to the point marked with the earth ground
symbol (on the unit).
6. Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
7. When operating with a dc input voltage range, the unit input must be protected by a dc rated
fuse in the end-use installation system.
8. The internal fuse should only be replaced with a 5 A, 250 V ac, type SP0001.1011 manufac-
tured by Schurter AG, type 216005 manufactured by Littelfuse or type S501 manufactured by
Cooper.
9. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
For technical assistance, contact SolaHD Technical Support at (800) 377-4384 or send an
e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for additional product
information and specification sheets.
Output Ratings
Model
Output
Voltage(V)
ConvectionCooling
30CFMForcedAirCooling
Max.Output
Current(A)
Max.Output
Power(W)
Max.Output
Current(A)
Max.Output
Power(W)
GLQ152
+5
15.0
75 with cover
110 without cover
22.0
130 with cover
150 without cover
+12
6.0
8.0
-12
2.0
2.5
+5 to +25
2.5
3.0
GLQ153
+5
15.0
22.0
+15
4.8
6.4
-15
1.6
2.0
+5 to +25
2.5
3.0
GLQ154
+5
15.0
22.0
+12
6.0
8.0
-12
2.0
2.5
+24
3.5
4.5
Mechanical Outline
5
SK1
1
F5AH
1
2
250V
1
2
3
4
5
6
7
9
8
SK2
SK3
SK4 3
1
8
Output
Adjust
Connector PIN Designation
OutputConnector
PIN
GLQ152
GLQ153
GLQ154
SK1
1
Inhibit -ve
2
Inhibit +ve
3
+12 V
+15 V
+12 V
4
No connection
5
Common
6
-Sense
7
+Sense
8
C-Share
SK2
1, 2
+12 V
+15 V
+12 V
3, 4, 5
Common
6
-12 V
-15 V
-12 V
7
P OK
8
+5 V to +25 V (float)
+24 V
9
Common (float)
Common
SK3
T.B. 2
+5 V
T.B. 1
Common
InputConnector
PIN
GLQ152
GLQ153
GLQ154
SK4
1
Earth GND
2
PIN removed
3
Line
4
PIN removed
5
Neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com