Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 22 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 22 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 18Page - Emerson Network Power GLS53 Datasheet HTML 19Page - Emerson Network Power GLS53 Datasheet HTML 20Page - Emerson Network Power GLS53 Datasheet HTML 21Page - Emerson Network Power GLS53 Datasheet HTML 22Page - Emerson Network Power GLS53 Datasheet HTML 23Page - Emerson Network Power GLS53 Datasheet HTML 24Page - Emerson Network Power GLS53 Datasheet HTML 25Page - Emerson Network Power GLS53 Datasheet HTML 26Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
GLS100-M Series Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-196 Rev 0 5/7/09 Ref: 03366206070
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C. Derate
each output 2.5% per degree from 50°C to 70°C ambient temperature.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, CSA22.2 No. 60950-1-03, UL60601-1, EN60601-1,
IEC60601-1, and CSA22.2 No. 601.1. The safety requirements include creepage
distances, clearances, and distance through insulation between primary wiring and
earth or secondary (SELV) wiring.
3. The ac-dc input connector is approved as a component of the power supply, however, it
was not specifically evaluated to IEC60320.
4. This power supply is approved and certified for the rated voltage range of 100 V ac to
250 V ac and/or 120 V dc minimum to 300 V dc maximum.
5. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
6. The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
7. The disconnection from the line must be in the end system.
8. Hazardous voltages exist in the primary circuits. Disconnect power supply before
servicing.
9. When operating with a dc input voltage range, the unit input must be protected by a dc
rated fuse in the end-use installation system.
10. The internal fuses (F1 & F2) should only be replaced with a F2A5, 250 V ac, type 392
manufactured by Wickmann or type RST manufactured by Belfuse.
NOTE: The power supply has a fuse on the neutral line.
11. The power supply has no patient applied part.
12. This equipment is considered Class I according to protection against electric shock.
13. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
14. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or send
an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for addi-
tional product information and specification sheets.
Output Ratings
Model
Output Voltage
(V)
Convection Cooling
30 CFM Forced Air Cooling
Max. Output
Current (A)
Max. Output
Power (W)
Max. Output
Current (A)
Max. Output
Power (W)
GLS102-M
+5
16.0
80
24.0
120
+12_FAN
0.5
1.0
GLS103-M
+12
8.3
100
12.5
150
+12_FAN
0.5
1.0
GLS104-M
+15
6.7
10.0
+12_FAN
0.5
1.0
GLS105-M
+24
4.2
6.25
+12_FAN
0.5
1.0
GLS108-M
+48
2.09
3.1
+12_FAN
0.5
1.0
Connector PIN Designation
Input Connector
PIN
Designation
SK1
1
Neutral
3
Line
CN1
GND
Output Connector
PIN
Designation
SK2
1
Common
2
3
4
5
+Vout
6
7
8
SK203
1
GND
2
Power fail
3
-Remote sense
4
+Remote sense
SK5
1
+12 V_FAN
2
+12 V_FAN
3
Common fan
4
Common fan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com