Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 17 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 17 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 13Page - Emerson Network Power GLS53 Datasheet HTML 14Page - Emerson Network Power GLS53 Datasheet HTML 15Page - Emerson Network Power GLS53 Datasheet HTML 16Page - Emerson Network Power GLS53 Datasheet HTML 17Page - Emerson Network Power GLS53 Datasheet HTML 18Page - Emerson Network Power GLS53 Datasheet HTML 19Page - Emerson Network Power GLS53 Datasheet HTML 20Page - Emerson Network Power GLS53 Datasheet HTML 21Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
GLQ252-C, GLQ253-C Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
©2009EGSElectricalGroup,LLC.Allrightsreserved.Specificationssubjecttochangewithoutnotice.
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC.
assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
GLQ252-C and GLQ253-C are commercial designations of model numbers LPQ252 and LPQ253 respectively.
Typical Ventilation Setup
10.00 [254.0]
14.00 [355.6]
2.50 [63.5]
9.00 [228.6]
.59 [15.0]
2.50 [63.5]
.50 [12.7]
5.00 [127.0]
POWER SUPPLY
UNIT
AIR FLOW
BASEPLATE
(0.039 in/1mm THK. SHEET ALUMINIUM)
SK1
F
A
N
Fan Used: Minebea 2410ML-04W-B60, 12 V dc, 0.40 A
Dc Input for Fan Testing: 12 V dc
NOTE: Dimensions and fan used are for reference only
Mechanical Dimensions
2.50
[63.5]
1.18
[30.0]
1.71
[43.5]
1.71
[43.5]
1.18 [30.0]
6.64 [168.6]
1.77 [45.0]
5.46 [138.6]
8.52 [216.4]
.24
[6.1]
a
b
a
b
a
b
a
b
9.00 [228.6]
5.00
[127.0]
1.87
[47.5]
max.
2.01
[51.0]
max.
with
cover
a
a
Side View
Bottom View
All dimensions are in inches [mm]
Screw sizes: a = #6-32 (U.S.); b = M3 (International)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com