Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 14 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 14 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 10Page - Emerson Network Power GLS53 Datasheet HTML 11Page - Emerson Network Power GLS53 Datasheet HTML 12Page - Emerson Network Power GLS53 Datasheet HTML 13Page - Emerson Network Power GLS53 Datasheet HTML 14Page - Emerson Network Power GLS53 Datasheet HTML 15Page - Emerson Network Power GLS53 Datasheet HTML 16Page - Emerson Network Power GLS53 Datasheet HTML 17Page - Emerson Network Power GLS53 Datasheet HTML 18Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 109 page
background image
GLQ172 Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
©2009 EGS Electrical Group, LLC. All rights reserved. Specifications subject to change without notice.
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC.
assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
GLQ172 is a commercial designation of model number LPQ172.
Typical Ventilation Setup
AIR FLOW
MIN 30 CFM
AIR FLOW
MIN 30 CFM
VENTILATION BOX
A
F
N
INPUT CONNECTOR
5.00 [127.0]
14.37 [365.0]
2.36 [60.0]
3.35 [85.1]
1.54 [39.1]
1.54 [39.1]
5.04 [128.1]
INPUT CONNECTOR
FAN
POWER SUPPLY
POWER SUPPLY
Top View
Side View
30 CFM forced air cooling
NOTE: Dimensions and fan used are for reference only
Mechanical Dimensions
b a
b
a
6.61 [168.0]
7.40 [188.0]
8.50 [216.0]
4.25 [108.0]
2.11 [53.5]
2.50 [63.5]
6.61 [168.0]
7.40 [188.0]
1.50 [38.1]
.75 [19.1]
Side View
Bottom View
All dimensions are in inches [mm]
Screw sizes: a = #6-32 (U.S.); b = M3 (International)
Maximum screw protrusion: 0.6″ [1.5 mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com