Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLS53 Datasheet(PDF) 19 Page - Emerson Network Power

Part # GLS53
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLS53 Datasheet(HTML) 19 Page - Emerson Network Power

Back Button GLS53 Datasheet HTML 15Page - Emerson Network Power GLS53 Datasheet HTML 16Page - Emerson Network Power GLS53 Datasheet HTML 17Page - Emerson Network Power GLS53 Datasheet HTML 18Page - Emerson Network Power GLS53 Datasheet HTML 19Page - Emerson Network Power GLS53 Datasheet HTML 20Page - Emerson Network Power GLS53 Datasheet HTML 21Page - Emerson Network Power GLS53 Datasheet HTML 22Page - Emerson Network Power GLS53 Datasheet HTML 23Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
GLQ352-C, GLQ352-CEF Installation & Operating Instructions
Visit our Web site at www.solahd.com or contact Technical Support at (800) 377- 4384 with any questions
P/N: A272-195 Rev 0 5/6/09 Ref: 03366200121
To comply with the published safety standards, the following must be observed when using
this power supply:
1. Maximum ambient temperature for the power supply must not exceed 50°C.
2. When installing the power supply in the end-use equipment, special attention is
required to ensure safety compliance with the following safety standards: UL60950-1,
EN60950-1, IEC60950-1, and CSA22.2 No. 60950-1-03; including the requirements
for creepage distances, clearances, and distance through insulation between primary
wiring and earth or secondary (SELV) wiring.
3. The power supply’s rated input voltage is automatically selected. Please refer to the
specification sheet for the input voltage range.
4. The maximum output power of the supply must not exceed the rating indicated in the
specification sheet.
5. This unit contains a secondary output exceeding 240 VA. When installing the unit into
the end system, make sure the secondary output and the appropriate wire cannot be
touched.
6. The earth ground wire must be connected only to the point marked with the earth
ground symbol (on the unit).
7. The disconnection from the line must be in the end system.
8. Hazardous voltages exist in the primary circuits. Disconnect the power supply before
servicing.
9. When operating with a dc input voltage range, the unit input must be protected by a dc
rated fuse in the end-use installation system.
10. The internal fuse should only be replaced with a F10AH, 250 V ac, type 216010
manufactured by Littelfuse or type SP001.1014 manufactured by Schurter AG.
11. This equipment is considered Class I according to protection against electric shock.
12. This power supply is
marked following the provisions of the Low Voltage Directive,
2006/95/EC.
13. For technical assistance, contact SolaHD Technical Support at (800) 377- 4384 or send
an e-mail to tech@solahd.com. Please visit our Web site at www.solahd.com for addi-
tional product information and specification sheets.
Output Ratings
Model
Output Voltage (V)
30 CFM Forced Air Cooling (unit not convection rated)
Max. Output Current (A)
Max. Output Power (W)
GLQ352-C (-CEF)
+5
50.0
350 with cover
+12
12.0
-12
6.0
+3.3 to +24
6.0
Mechanical Outline
Top Pot = V4 adj.
Bottom Pot = Main adj.
SK1
3
2
1
SK6
SK4
SK5
A
B
6
5
4
3
2
1
1
10
SK2
SK3
Bus
Bar
Connector PIN Designation
Input Connector
PIN
Designation
SK1
1
Neutral
2
Line
3
Earth GND
Output Connector
PIN
Designation
Bus Bar
A
+5 V
B
Common
SK2
1
+12 V
2
Common
3
Common
4
-12 V
5
Return (float)
6
+3.3 V to +24 V adj.
SK3
1
+Sense V4
2
-Sense V4
3
+Sense V1
4
-Sense V1
5
P OK
6
C. Share
7
Dc OK
8
Inhibit
9
Inhibit
10
Common
SK4
1
+12 V (aux)
2
Common
SK5
1
+5 V (aux)
2
Common
SK6
1
12 V fan (+)
2
Fan (-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com