Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 6Page - ASIX Electronics Corporation AX88872P Datasheet HTML 7Page - ASIX Electronics Corporation AX88872P Datasheet HTML 8Page - ASIX Electronics Corporation AX88872P Datasheet HTML 9Page - ASIX Electronics Corporation AX88872P Datasheet HTML 10Page - ASIX Electronics Corporation AX88872P Datasheet HTML 11Page - ASIX Electronics Corporation AX88872P Datasheet HTML 12Page - ASIX Electronics Corporation AX88872P Datasheet HTML 13Page - ASIX Electronics Corporation AX88872P Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ASIX ELECTRONICS CORPORATION
10
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
When RMII mode, the signal is stand for speed indicator. Active for
10Mbps speed is selected depending on power on configuration.
SCRS0
or
SCRS_DV
I
96
Carrier Sense : Asynchronous signal SCRS0 is asserted by the PHY
when receive medium is non-idle.
When RMII mode, the signal is stand for CRS_DV (Carrier
Sense/Receive Data Valid ). CRS_DV is asserted asynchronously on
detection of carrier. CRS_DV is asserted by the PHY when receive
medium is non-idle. Loss of carrier shall result in the desertion of
CRS_DV synchronous to the cycle of REF_CLK, which presents the
first DI-bit of a nibble on to RXD0[1:0].
SRXDV0
I
98
Receive Data Valid : SRXDV0 is driven by the PHY synchronously
with respect to SRXCLK0. Asserted high when valid data is present on
SRXD0[3:0].
SRXCLK0
I
104
Receive Clock : SRXCLK0 is a continuous clock that provides the
timing reference for the transfer of the SRXDV0 and SRXD0[3:0]
signals from the PHY to the MII port of the repeater.
SRXD0[3:0]
I
114,113,
111,110
Receive Data : SRXD0[3:0] is driven by the PHY synchronously with
respect to RXCLK.
When RMII mode, SRXD0[1:0] shall transition synchronously to
REF_CLK SRXD0[1:0] shall be “00” to indicate idle when CRS_DV is
disserted. Value other than “00” are reserved for out-of-band signaling
shall be ignored by MAC Upon assertion of CRS_DV, PHY shall ensure
that RXD[1:0] = “00” until proper receive decoding takes place
2.2.2 Switch Port 1
Signal Name
Type
Pin No.
Description
STXEN1
O
60
Transmit Enable : Please references section 2.2.1 SWITCH PORT0
description.
STXD1[3:0]
O
64,63,62,61
Transmit Data : Please references section 2.2.1 SWITCH PORT0
description.
STXCLK1
I
65
Transmit Clock : Please references section 2.2.1 SWITCH PORT0
description.
SDUPLEX1
I
66
Duplex Select : Please references section 2.2.1 SWITCH PORT0
description.
SCOL_SP1
I
76
Collision : Please references section 2.2.1 SWITCH PORT0
description.
SCRS1
Or
SCRS_DV1
I
75
Carrier Sense : Please references section 2.2.1 SWITCH PORT0
description.
SRXDV1
I
77
Receive Data Valid : Please references section 2.2.1 SWITCH PORT0
description.
SRXCLK1
I
78
Receive Clock : Please references section 2.2.1 SWITCH PORT0
description.
SRXD1[3:0]
I
82,81,80,79
Receive Data : Please references section 2.2.1 SWITCH PORT0
description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com