Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 14Page - ASIX Electronics Corporation AX88872P Datasheet HTML 15Page - ASIX Electronics Corporation AX88872P Datasheet HTML 16Page - ASIX Electronics Corporation AX88872P Datasheet HTML 17Page - ASIX Electronics Corporation AX88872P Datasheet HTML 18Page - ASIX Electronics Corporation AX88872P Datasheet HTML 19Page - ASIX Electronics Corporation AX88872P Datasheet HTML 20Page - ASIX Electronics Corporation AX88872P Datasheet HTML 21Page - ASIX Electronics Corporation AX88872P Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ASIX ELECTRONICS CORPORATION
18
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
3.0 Functional Description
3.1 Repeater State Machine
The repeater state machine is in idle state when there is no carrier presented on any ports . When there is only
one port has receive activity, the repeater state machine will enter data -forwarding state to ensure correct
data forwarding to other connected ports. If collision happens anytime, The repeater state machine detects
collision then send jam pattern to all ports until collision ceases.
3.2 RXE /TXE Control
Idle state
CRS_DV(ALL) = 0, the repeater sends no data to any port.
RXE(ALL) = 0.
TXE(ALL) = 0.
Data Forwarding state
If CRS_DV(ALL) = 1, N is the only one port that has incoming packet.
RXE(N) = 1, RXE(ALLXN) = 0.
TXE(N) = 0, TXE(ALLXN) = 1.
Collision state
If CRS_DV(ALL) > 1, the repeater sends jam pattern to all ports.
RXE(ALL) = 0.
TXE(ALL) = 1.
One Port Left state
When all packets are back off except only one port still has activity, that is CRS_DV(ALL) = 1 again . N is the
only one left port that has incoming packet. The repeater sends jam pattern to all other port except for the still
activity ports.
RXE(ALL) = 0.
TXE(ALLXN) = 1.
3.3 Jabber State Machine
To prevent an illegally long reception of data from reaching the repeater unit, each port has its own jabber
timer. If a reception exceeds this duration (64K bit times for AX88872), the jabber condition will be detected.
In this condition, repeater unit will disable receive and transmit packets for the jabbered port and the other ports
remain the normal operation.
When the carrier is no longer detected for the jabbered port or reset the repeater, the jabber state will be existed
and the port will receive and transmit packets normally.
3.4 Partition State Machine
The partition state machine is used to protect network from being upset when a port suffer continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com