Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 13Page - ASIX Electronics Corporation AX88872P Datasheet HTML 14Page - ASIX Electronics Corporation AX88872P Datasheet HTML 15Page - ASIX Electronics Corporation AX88872P Datasheet HTML 16Page - ASIX Electronics Corporation AX88872P Datasheet HTML 17Page - ASIX Electronics Corporation AX88872P Datasheet HTML 18Page - ASIX Electronics Corporation AX88872P Datasheet HTML 19Page - ASIX Electronics Corporation AX88872P Datasheet HTML 20Page - ASIX Electronics Corporation AX88872P Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ASIX ELECTRONICS CORPORATION
17
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
1 : 1518 Byte
All of the above signals are pull-up for default values.
Note 1 :
The calculation formulae of Traffic Utilization between ASIX and NetCom is difference, so you will get
different results when using SmartBit (SB) testing this item.
We found the SmartBit calculate the Utilization without include 96 Bit time inter frame gap (IFG). So the utilization
value can be 100%. As well as we found SB used min packet size (64 byte) and min IFG (96 bit-time) as 100% utilization.
In theory, when max packet size (1518 byte) and min IFG the utilization will be more than 100%, but SB also treat it as
100%.
In our AX88872 design, we use real cable bandwidth as calculation base. We calculate the bit counts of carrier within a
unit time. Because of the existence of inter frame gap, In our calculation 100% utilization is impossible. So the above two
cases (64 byte packet size and 1518 byte packet size with min. IFG), we will count as 85.7% and 99.2%.
If using SB test result to indicate utilization LED the value must be modified. See the following reference table.
ASIX’s Utilization%
1
5
10
15
30
60
SmartBit’s Utilization%
2
7
12
17
34
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com