Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 19Page - ASIX Electronics Corporation AX88872P Datasheet HTML 20Page - ASIX Electronics Corporation AX88872P Datasheet HTML 21Page - ASIX Electronics Corporation AX88872P Datasheet HTML 22Page - ASIX Electronics Corporation AX88872P Datasheet HTML 23Page - ASIX Electronics Corporation AX88872P Datasheet HTML 24Page - ASIX Electronics Corporation AX88872P Datasheet HTML 25Page - ASIX Electronics Corporation AX88872P Datasheet HTML 26Page - ASIX Electronics Corporation AX88872P Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ASIX ELECTRONICS CORPORATION
23
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
5.0 ELECTRICAL SPECIFICATION AND TIMING
5.1 Absolute Maximum Ratings
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+70
°C
Storage Temperature
Ts
-55
+150
°C
Supply Voltage
Vcc
-0.3
+4
V
Input Voltage
Vin
-0.3
Vdd+0.5
V
Output Voltage
Vout
-0.3
Vdd+0.5
V
Lead Temperature (soldering 10 seconds maximum)
Tl
-55
+220
°C
Note : Stress above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure
to Absolute Maximum Ratings conditions for extended period, adversely affect device life and reliability
5.2 General Operation Conditions
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+70
°C
Supply Voltage
Vdd
+3.0
+3.6
V
5.3 DC Characteristics
(Vdd=3.0V to 3.6V, Vss=0V, Ta=0
°C to 70°C)
Description
SYM
Min
Max
Units
Low Input Voltage
Vil
Vss-0.3
0.8
V
High Input Voltage
Vih
2
Vdd+0.5
V
Low Output Voltage
Vol
0.4
V
High Output Voltage
Voh
2.4
V
Input Leakage Current 1 (Note 1)
Iil1
10
uA
Input Leakage Current 2 (Note 2)
Iil1
500
uA
Output Leakage Current
Iol
10
uA
Description
SYM
Min
Typ
Max
Units
Power Consumption
Pc
TBD
mA
Note :
a. All the input pins without pull low or pull high.
b. Those pins had been pull low or pull high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com