Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 10Page - ASIX Electronics Corporation AX88872P Datasheet HTML 11Page - ASIX Electronics Corporation AX88872P Datasheet HTML 12Page - ASIX Electronics Corporation AX88872P Datasheet HTML 13Page - ASIX Electronics Corporation AX88872P Datasheet HTML 14Page - ASIX Electronics Corporation AX88872P Datasheet HTML 15Page - ASIX Electronics Corporation AX88872P Datasheet HTML 16Page - ASIX Electronics Corporation AX88872P Datasheet HTML 17Page - ASIX Electronics Corporation AX88872P Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ASIX ELECTRONICS CORPORATION
14
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
2.7 Miscellaneous
Signal Name
Type Pin No.
Description
LCLK
I
70
Local Clock : 50-66Mhz. Used for system operation synchronous.
/RST
I
59
Reset : Active Low
The chip is reset when this signal is asserted Low
REF_CLK
I
68
Reference clock : The input is a continuous clock at 50Mhz for timing
reference with RMII interface.
DAISY_IN
I/PU
73
Repeater Identification Number Daisy-Chain In : When MODE=” 1” ,
This pin is a daisy chain serial input for Repeater ID. The State machines
always monitors the input if a correct data (RID) present at the pin, the
(RID+1) will be written to RID register and override the power on setup RID
for the chip.
DAISY_OUT
O/ML
74
Repeater Identification Number Daisy-Chain Out : When MODE=” 1” ,
This pin is periodically shift out the RID of itself to the next chained chip to
inform that this ID has already been occupied. The RID is shift out
periodically every about 200us.
MDIO
I/O
57
Station Management Data In/Out : For setup PHY auto-negotiation
registers. A burst write commands are issue to setup PHY register after reset.
The PHY address 4h, 5h, 6h, 7h, 8h, 9h,Ah and Bh will be written as register
4h to value 00A1h ( Advertise register set to 10/100 half-duplex mode)and
register 0h to value 1000h(Enable auto-negotiation). See also Appendix for
more information.
MDC
O
56
Station Management Data Clock Out : For MDIO reference clock.
/TEST
I/PU
58
Test Pin : Active LOW
The pin is just for test mode setting purpose only. Must be pull high when
normal operation.
NC
O
157
NC : Keep no connection
VDD
I
25, 48
69, 92
122, 144
107, 120
POWER : +3.3V +/-5%
VSS
I
8, 35
67, 71
83, 101
112,115
127, 139
149, 174
185, 208
POWER: 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com